Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1704-T Datasheet(PDF) 3 Page - ams AG

Part # AS1704-T
Description  1.6W Single-Channel Audio Power Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1704-T Datasheet(HTML) 3 Page - ams AG

  AS1704-T Datasheet HTML 1Page - ams AG AS1704-T Datasheet HTML 2Page - ams AG AS1704-T Datasheet HTML 3Page - ams AG AS1704-T Datasheet HTML 4Page - ams AG AS1704-T Datasheet HTML 5Page - ams AG AS1704-T Datasheet HTML 6Page - ams AG AS1704-T Datasheet HTML 7Page - ams AG AS1704-T Datasheet HTML 8Page - ams AG AS1704-T Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.austriamicrosystems.com
Revision 1.01
3 - 13
AS1702, AS1703, AS1704, AS1705
austriamicrosystems
Data Sheet
5V Operation
5 Electrical Characteristics
5.1 5V Operation
VCC = 5V, GND = 0V, SHDN = VCC, SHDM = GND, RIN = RF = 10k
(AS1702), TAMB = +25°C, CBIAS = 0.1µF, no load.
Typical values are at TAMB = +25°C (unless otherwise specified). All specifications are 100% tested at TAMB = +25°C
(unless otherwise specified). Specifications over temperature (TAMB = TMIN to TMAX) are guaranteed by design, not
production tested.
Table 2. Electrical Characteristics – 5V Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
Supply Voltage
2.7
5.5
V
ICC
Supply Current 1
1. Quiescent power supply current is specified and tested with no load. Quiescent power supply current depends
on the offset voltage when a practical load is connected to the amplifier. Guaranteed by design.
VIN- = VIN+ = VBIAS;
TAMB = -40 to +85°C, per amplifier
8
10.4
mA
ISHDN
Shutdown Supply
SHDN = SHDM = GND per amplifier
0.05
1
µA
VIH
SHDN, SHDM
Threshold
0.7 x VCC
V
VIL
0.3 x VCC
VBIAS
Common-Mode Bias
Voltage 2
2. Common-mode bias voltage is the voltage on BIAS and is nominally VCC/2.
VCC/2 - 5% VCC/2 VCC/2 + 5%
V
VOS
Output Offset Voltage
VIN- = VIN+ = VBIAS
AV = 0dB (AS1703)
±1
±10
mV
AV = 3dB (AS1704)
±1
±15
AV = 6dB (AS1705)
±1
±20
VIC
Common-Mode Input
Voltage
Inferred from CMRR
Test
AV = 0dB (AS1703)
0.5
VCC - 0.5
V
AV = 3dB (AS1704)
0.5
VCC - 0.6
AV = 6dB (AS1705)
0.5
VCC - 0.8
External Gain AS1702
0.5
VCC - 1.2
RIN
Input Impedance
AS1703, AS1704, AS1705
10
15
20
k
CMRR
Common-Mode
Rejection Ration
-50
-60
dB
fN = 1kHz
-64
PSRR
Power Supply
Rejection Ratio
VIN- = VIN+ = VBIAS;
VRIPPLE = 200mVp-p;
RL = 8
Ω; CBIAS = 1µF
f = 217Hz
-79
dB
f = 1kHz
-73
POUT
Output Power 3
3. Output power is specified by a combination of a functional output current test and characterization analysis.
THD+N = 1%;
fIN = 1kHz
RL = 8
0.8
1.2
W
RL = 4
1.6
THD+N
Total Harmonic
Distortion plus Noise 4
4. Measurement bandwidth for THD+N is 22Hz to 22kHz.
RL = 4
Ω, fIN = 1kHz, POUT = 1.28W,
VCC = 5V, AV = 6dB
0.06
%
RL = 8
Ω, fIN = 1kHz, POUT = 0.9W,
VCC = 5V, AV = 6dB
0.03
Gain Accuracy
AS1703, AS1704, AS1705
±1
±2
%
Thermal Shutdown
Threshold
+145
°C
Thermal Shutdown
Hysteresis
9°C
CLOAD
Maximum Capacitive
Drive
Bridge-tied capacitance
500
pF
tPU
Power-up/Enable from
Shutdown Time
125
ms
tSHDN
Shutdown Time
3.5
µs
VPOP
Turn-Off Transient 5
5. Peak voltage measured at power-on, power-off, into or out of SHDN. Bandwidth defined by A-weighted filters,
inputs at AC GND. VCC rise and fall times
≥ 1ms.
50
mV


Similar Part No. - AS1704-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1704-T AMSCO-AS1704-T Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
More results

Similar Description - AS1704-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1701 AMSCO-AS1701_1 Datasheet
466Kb / 17P
   1.6W Audio Power Amplifiers
AS1701 AMSCO-AS1701 Datasheet
168Kb / 2P
   1.6W Audio Power Amplifiers
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
   16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
STMicroelectronics
TDA7231A STMICROELECTRONICS-TDA7231A Datasheet
67Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
ams AG
AS1702 AMSCO-AS1702_1 Datasheet
439Kb / 20P
   1.8W Single-Channel Audio Power Amplifiers
logo
STMicroelectronics
TDA7235 STMICROELECTRONICS-TDA7235 Datasheet
41Kb / 5P
   1.6W AUDIO AMPLIFIER
logo
NEC
UPC1181H NEC-UPC1181H Datasheet
58Kb / 1P
   Audio Power Amplifiers (Continued)
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
logo
Hitachi Semiconductor
HA1377 HITACHI-HA1377 Datasheet
268Kb / 4P
   Dual 5.8W Audio Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com