Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X4285V8-2.7A Datasheet(PDF) 6 Page - Xicor Inc.

Part # X4285V8-2.7A
Description  CPU Supervisor with 128K EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X4285V8-2.7A Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X4285V8-2.7A Datasheet HTML 2Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 3Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 4Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 5Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 6Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 7Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 8Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 9Page - Xicor Inc. X4285V8-2.7A Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
X4283/85 – Preliminary Information
Characteristics subject to change without notice.
6 of 22
REV 1.17 11/27/00
www.xicor.com
The state of the Control Register can be read at any
time by performing a random read at address FFFFh.
Only one byte is read by each register read operation.
The X4283/85 resets itself after the first byte is read.
The master should supply a stop condition to be con-
sistent with the bus protocol, but a stop is not required
to end this operation.
RWEL: Register Write Enable Latch (Volatile)
The RWEL bit must be set to “1” prior to a write to the
Control Register.
WEL: Write Enable Latch (Volatile)
The WEL bit controls the access to the memory and to
the Register during a write operation. This bit is a vola-
tile latch that powers up in the LOW (disabled) state.
While the WEL bit is LOW, writes to any address,
including any control registers will be ignored (no
acknowledge will be issued after the Data Byte). The
WEL bit is set by writing a “1” to the WEL bit and zeroes
to the other bits of the control register. Once set, WEL
remains set until either it is reset to 0 (by writing a “0” to
the WEL bit and zeroes to the other bits of the control
register) or until the part powers up again. Writes to the
WEL bit do not cause a nonvolatile write cycle, so the
device is ready for the next operation immediately after
the stop condition.
BP2, BP1, BP0: Block Protect Bits (Nonvolatile)
The Block Protect Bits, BP2, BP1 and BP0, determine
which blocks of the array are write protected. A write to
a protected block of memory is ignored. The block pro-
tect bits will prevent write operations to one of eight
segments of the array.
WD1, WD0: Watchdog Timer Bits
The bits WD1 and WD0 control the period of the
Watchdog Timer. The options are shown below.
Write Protect Enable
These devices have an advanced Block Lock scheme
that protects one of eight blocks of the array when
enabled. It provides hardware write protection through
the use of a WP pin and a nonvolatile Write Protect
Enable (WPEN) bit. Four of the 8 protected blocks
match the original Block Lock segments and this pro-
tection scheme is fully compatible with the current
devices using 2 bits of block lock control (assuming the
BP2 bit is set to 0).
The Write Protect (WP) pin and the Write Protect
Enable (WPEN) bit in the Control Register control the
programmable Hardware Write Protect feature. Hard-
ware Write Protection is enabled when the WP pin and
the WPEN bit are HIGH and disabled when either the
WP pin or the WPEN bit is LOW. When the chip is Hard-
ware Write Protected, nonvolatile writes as well as to the
block protected sections in the memory array cannot be
written. Only the sections of the memory array that are
not block protected can be written. Note that since the
WPEN bit is write protected, it cannot be changed back
to a LOW state; so write protection is enabled as long
as the WP pin is held HIGH.
76
5
4
3
2
1
0
WPEN
WD1 WD0 BP1 BP0
RWEL
WEL BP2
Protected Addresses
(Size)
Array Lock
0
0
0
None (factory setting)
None
0
0
1
3000h - 3FFFh (4K bytes)
Upper 1/4 (Q4)
0
1
0
2000h - 3FFFh (8K bytes) Upper 1/2 (Q3,Q4)
0
1
1
0000h - 3FFFh (16K bytes)
Full Array (All)
100
000h - 03Fh (64 bytes)
First Page (P1)
101
000h - 07Fh (128 bytes)
First 2 pgs (P2)
110
000h - 0FFh (256 bytes)
First 4 pgs (P4)
111
000h - 1FFh (512 bytes)
First 8 pgs (P8)
WD1
WD0
Watchdog Time Out Period
0
0
1.4 seconds (factory setting)
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled


Similar Part No. - X4285V8-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4285V8-2.7A INTERSIL-X4285V8-2.7A Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4285V8-2.7A RENESAS-X4285V8-2.7A Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
More results

Similar Description - X4285V8-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X4283 INTERSIL-X4283_06 Datasheet
344Kb / 22P
   CPU Supervisor with 128K EEPROM
X4283 INTERSIL-X4283 Datasheet
322Kb / 21P
   CPU Supervisor with 128K EEPROM
logo
Renesas Technology Corp
X4283 RENESAS-X4283 Datasheet
881Kb / 22P
   128K, 16K x 8 Bit CPU Supervisor with 128K EEPROM
May 23, 2006
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
X4043-45 INTERSIL-X4043-45 Datasheet
420Kb / 24P
   CPU Supervisor with 4kbit EEPROM
December 9, 2015
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4043 INTERSIL-X4043_06 Datasheet
371Kb / 24P
   CPU Supervisor with 4kbit EEPROM
X4043 INTERSIL-X4043 Datasheet
373Kb / 24P
   CPU Supervisor with 4kbit EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com