Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29DL640D120WHIN Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM29DL640D120WHIN
Description  64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D120WHIN Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM29DL640D120WHIN Datasheet HTML 1Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 2Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 3Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 4Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 5Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 6Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 7Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 8Page - Advanced Micro Devices AM29DL640D120WHIN Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Publication# 23695
Rev: C Amendment/1
Issue Date: October 7, 2004
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29DL640D
64 Megabit (8 M x 8-Bit/4 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank.
— Zero latency between read and write operations
■ Flexible BankTM architecture
— Read may occur in any of the three banks not being
written or erased.
— Four banks may be grouped by customer to achieve
desired bank divisions.
■ Boot Sectors
— Top and bottom boot sectors in the same device
— Any combination of sectors can be erased
■ Manufactured on 0.23 µm process technology
■ SecSi™ (Secured Silicon) Sector: Extra 256 Byte
sector
Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
Customer lockable: Can be read or programmed just
like other sectors. Once locked, data cannot be
changed
■ Zero Power Operation
— Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero.
■ Compatible with JEDEC standards
— Pinout and software compatible with
single-power-supply flash standard
PACKAGE OPTIONS
■ 63-ball Fine Pitch BGA
■ 48-pin TSOP
PERFORMANCE CHARACTERISTICS
■ High performance
— Access time as fast as 90 ns
— Program time: 4 µs/word typical utilizing Accelerate
function
■ Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■ Minimum 1 million erase cycles guaranteed per
sector
■ 20 year data retention at 125°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■ Data Management Software (DMS)
— AMD-supplied software manages data programming,
enabling EEPROM emulation
— Eases historical sector erase flash limitations
■ Supports Common Flash Memory Interface (CFI)
■ Program/Erase Suspend/Erase Resume
— Suspends program/erase operations to allow
programming/erasing in same bank
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■ Unlock Bypass Program command
— Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase
cycle completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state
machine to the read mode
■ WP#/ACC input pin
— Write protect (WP#) function protects sectors 0, 1,
140, and 141, regardless of sector protect status
— Acceleration (ACC) function accelerates program
timing
■ Sector protection
— Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
For new designs involving TSOP packages, S29JL064H supersedes Am29DL640D and is the factory-recommended migration path. Please refer to the S29JL064H datasheet for specifica-
tions and ordering information. For new designs involving Fine-pitch BGA (FBGA) packages, S29PL064J supersedes Am29DL640D and is the factory-recommended migration path. Please
refer to the S29PL064J Datasheet for specifications and ordering information.


Similar Part No. - AM29DL640D120WHIN

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640D120WHI AMD-AM29DL640D120WHI Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results

Similar Description - AM29DL640D120WHIN

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL-J SPANSION-S29PL-J Datasheet
1Mb / 96P
   CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com