Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL5883-28DC-TUL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5883-28DC-TUL
Description  300MA LAW DROPOUT LINEAR REGULATOR OF ADJUSTABLE AND FIXED 2.85V, 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5883-28DC-TUL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5883-28DC-TUL Datasheet HTML 1Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 2Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 3Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APL5883-28DC-TUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
APL5883
Copyright  ANPEC Electronics Corp.
Rev. B.2 - Apr., 2003
www.anpec.com.tw
1
Features
Ordering and Marking Information
General Description
Applications
Low Dropout Voltage of 1.3V at 300mA
Output Voltage Accuracy ± 2.0%
Line Regulation - 1mV (typ.)
Load Regulation - 6mV (typ.)
Input Voltage Range up to 9V
Internal Current Limiting and Thermal Shutdown
Protections
Adjustable Output : 1.25V ~ 7.75V
Available Output Voltages - Ajdustable , 2.85V
and 3.3V
Various SOT-89 and TO-92 Packages Available
Voltage Regulator for CD-ROM Drivers
Voltage Regulator for LAN Cards
Wireless Communication Systems
Portable Instrument
The APL5883 is a 3-pin low dropout linear regulator
with 2.0% accuracy of output voltage over line, load
and temperature variations. Dropout voltage at 300mA
output current is less than 1.2V. Both output current
limiting and thermal shutdown are built in to provide
maximal protection to the APL5883 against fault
conditions. The over current and thermal shutdown cir-
cuits become active when the current exceed 300mA,
or the junction temperature reach 150
°C. Normal op-
eration is recovered when junction temperature drops
below 130
°C.
300mA Low Dropout Linear Regulator of Adjustable and Fixed 2.85V , 3.3V
Portable Consumer Equipment
Low Voltage Systems
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
drvise customers to obtain the latest version of relevant information to verify before placing orders.
SOT-89 (Top View)
V
OUT
V
IN
ADJ/GND
2
13
V
OUT
V
IN
ADJ/G N D
3
2
1
TO-92 (Top View)
P a c k ag e C o de
D : S O T - 8 9
E :
T O - 9 2
Te m p . R a n g e
C : 0 t o 7 0
C
H a nd l i ng C o d e
T U : T u b e
T R : T a p e & R e e l
V o l t ag e C o de
2 8 : 2 . 8 5 V
3 3 : 3 . 3 V
B l a n k : A d j u s t a b l e V e r s i o n
Le ad F r e e C o d e
L : L e a d F r e e D e v i c e
B l a n k : O r i g i n a l D e v i c e
°
A P L 5883-
H a nd l i ng C o d e
Te m p . R a n g e
P a c k ag e C o de
V o l t ag e C o de
X X X X X
-
Da t e Co d e
APL 5 8 8 3 - 3 3 E :
A P L 58 83 - 3 3 D :
A P L 58 83 - 2 8 D :
X X X X X
-
Da t e Co d e
APL 5 8 8 3 - 2 8 E :
A P L 58 83 D :
APL
58 83
XXX XX
X X X X X
-
Da t e Co d e
APL 5 8 8 3 E :
A P L 58 83
XXX XX3 3
XXX XX
-
D a t e C o d e
A P L 58 83
XXX XX2 8
XXX XX
-
D a t e C o d e
A P L 58 83
XXX XX
XXX XX
-
D a t e C o d e
APL
58 83
XXX XX2 8
APL
58 83
XXX XX3 3
Le ad F r e e C o d e
Pin Configuration


Similar Part No. - APL5883-28DC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5885 ANPEC-APL5885 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885 ANPEC-APL5885 Datasheet
145Kb / 11P
   500mA LowDropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TR ANPEC-APL5885-18DC-TR Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TRL ANPEC-APL5885-18DC-TRL Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
APL5885-18DC-TU ANPEC-APL5885-18DC-TU Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages
More results

Similar Description - APL5883-28DC-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5833 ANPEC-APL5833 Datasheet
114Kb / 11P
   300mA, Low Dropout Linear Regulator of Fixed 2.85V, 3.3V and 3.5V
APL5317 ANPEC-APL5317 Datasheet
338Kb / 17P
   Selectable Adjustable/Fixed Low Dropout 300mA Linear Regulator
logo
E-Tech Electronics LTD
LR2125 ETL-LR2125 Datasheet
347Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR2125 UTC-LR2125 Datasheet
336Kb / 8P
   300mA SELECTABLE FIXED/ADJUSTABLE LOW DROPOUT LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5315 ANPEC-APL5315 Datasheet
397Kb / 16P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5315 ANPEC-APL5315_08 Datasheet
409Kb / 15P
   Selectable Adjustable/Fixed Low dropout 300mA Linear Regulator
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325_17 Datasheet
236Kb / 18P
   Adjustable Low Dropout 300mA Linear Regulator
APL5325 ANPEC-APL5325 Datasheet
264Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com