Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA4880OI-TUL Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APA4880OI-TUL
Description  STEREO 330 MW 8 OHM SPEAK DRIVER WITH MUTE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA4880OI-TUL Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APA4880OI-TUL Datasheet HTML 4Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 5Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 6Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 7Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 8Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 9Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 10Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 11Page - Anpec Electronics Coropration APA4880OI-TUL Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.3 - Jun., 2001
APA4880
www.anpec.com.tw
8
Typical Characteristics Cont.
0
20
40
60
80
100
120
140
160
180
0
5 0
100
150
200
250
300
0
10
20
30
40
50
60
70
0
2 0
4 0
6 0
8 0
100
0
0.5
1
1.5
2
2.5
3
3.5
4
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
50
100
150
200
250
300
350
400
450
2
2.5
3
3.5
4
4.5
5
5.5
Output Power (mW)
R
L=16Ω
R
L=32Ω
R
L=8Ω
V
DD=5V
Av=-1
f=1kHz
BW<80kHz
Output Power (mW)
R
L=16Ω
R
L=32Ω
R
L=8Ω
V
DD=3V
Av=-1
f=1kHz
BW<80kHz
No Load
V
DD-Supply Voltage (V)
THD+N=10%
THD+N=1%
Av=-1
f=1kHz
RL=8
BW<80kHz
Vdd (V)


Similar Part No. - APA4880OI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4800 ANPEC-APA4800 Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TR ANPEC-APA4800JI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800JI-TU ANPEC-APA4800JI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TR ANPEC-APA4800KI-TR Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
APA4800KI-TU ANPEC-APA4800KI-TU Datasheet
124Kb / 13P
   Stereo 290mW 8ohm Speaker Driver
More results

Similar Description - APA4880OI-TUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA4801 ANPEC-APA4801 Datasheet
132Kb / 15P
   Stereo 280mW 8 OHM Speaker Driver with Mute
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
   Stereo Headphone Driver with Mute
logo
Anpec Electronics Corop...
APA3541 ANPEC-APA3541 Datasheet
110Kb / 13P
   Class AB Stereo Headphone Driver with Mute
logo
Unisonic Technologies
3541 UTC-3541_09 Datasheet
168Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_15 Datasheet
231Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
List of Unclassifed Man...
TP5228 ETC1-TP5228 Datasheet
332Kb / 12P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Unisonic Technologies
3541 UTC-3541 Datasheet
117Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
logo
Texas Instruments
TPA4411 TI-TPA4411_07 Datasheet
1Mb / 33P
[Old version datasheet]   80-mW DIRECTPATH STEREO HEADPHONE DRIVER
logo
TEXAS ADVANCED OPTOELEC...
TPA4411 TAOS-TPA4411 Datasheet
1Mb / 30P
   80-mW DIRECTPATH??STEREO HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com