Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


CX16 Datasheet(HTML) 2 Page - Vishay Siliconix

Part No. CX16
Description  Subminiature, Leaded Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

CX16 Datasheet(HTML) 2 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 2 page
background image
Document Number: 43018
Revision 17-Apr-02
www.vishay.com
58
CX16
Vishay Sprague
For technical questions, contact tantalum@vishay.com
STANDARD RATINGS
2 WVDC @ + 85
°C
0.47
10
0.5
A
CX16A474-*
2.2
10
0.5
B
CX16A225-*
10
10
0.5
C
CX16A106-*
3 WVDC @ + 85
°C
1.5
10
0.5
B
CX16B155-*
6.8
10
0.5
C
CX16B685-*
22
10
1
D
CX16B226-*
220
15
9
G
CX16B227-*
4 WVDC @ + 85
°C
0.33
10
0.5
A
CX16C334-*
18
0.5
B
CX16C105-*
4.7
8
0.5
C
CX16C475-*
15
8
1
D
CX16C156-*
47
8
2
E
CX16C476-*
68
8
3
F
CX16C686-*
6 WVDC @ + 85
°C
0.22
10
0.5
A
CX16D224-*
0.68
6
0.5
B
CX16D684-*
3.3
6
0.5
C
CX16D335-*
10
6
1
D
CX16D106-*
33
6
2
E
CX16D336-*
47
6
3
F
CX16D476-*
150
10
9
G
CX16D157-*
10 WVDC @ + 85
°C
0.15
10
0.5
A
CX16F154-*
0.47
6
0.5
B
CX16F474-*
2.2
6
0.5
C
CX16F225-*
6.8
6
1
D
CX16F685-*
22
6
2
E
CX16F226-*
33
6
3
F
CX16F336-*
100
8
9
G
CX16F107-*
15 WVDC @ + 85
°C
0.10
10
0.5
A
CX16H104-*
0.33
6
0.5
B
CX16H334-*
1.5
6
0.5
C
CX16H155-*
15
6
2
E
CX16H156-*
22
6
3
F
CX16H226-*
68
8
9
G
CX16H686-*
CAPACITANCE
MAX
MAX. DCL
CASE
PART NUMBER
(
µF)
DF (%)
@ + 25
°C (µA)
CODE
*Add suffix to indicate capacitance tolerance K = ± 10% or M = ± 20%
Subminiature, Leaded Solid Tantalum Capacitors


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn