Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


CX16 Datasheet(HTML) 3 Page - Vishay Siliconix

Part No. CX16
Description  Subminiature, Leaded Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

CX16 Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 page
background image
www.vishay.com
59
CX16
Vishay Sprague
Document Number: 43018
Revision 17-Apr-02
For technical questions, contact tantalum@vishay.com
20 WVDC @ + 85
°C
0.10
6
0.5
B
CX16J104-*
0.15
6
0.5
B
CX16J154-*
0.22
6
0.5
B
CX16J224-*
16
0.5
C
CX16J105-*
3.3
6
1
D
CX16J335-*
4.7
6
1
D
CX16J475-*
10
6
2
E
CX16J106-*
15
6
3
F
CX16J156-*
47
8
9
G
CX16J476-*
25 WVDC @ + 85
°C
0.68
6
0.5
C
CX16K684-*
2.2
6
1
D
CX16K225-*
6.8
6
2
E
CX16K685-*
10
6
3
F
CX16K106-*
33
6
9
G
CX16K336-*
35 WVDC @ + 85
°C
0.10
6
0.5
C
CX16M104-*
0.15
6
0.5
C
CX16M154-*
0.22
6
0.5
C
CX16M224-*
0.33
6
0.5
C
CX16M334-*
0.47
6
0.5
C
CX16M474-*
0.68
6
1
D
CX16M684-*
16
1D
CX16M105-*
1.5
6
1
D
CX16M155-*
2.2
6
2
E
CX16M225-*
3.3
6
2
E
CX16M335-*
4.7
6
2
E
CX16M475-*
6.8
6
3
F
CX16M685-*
10
6
9
G
CX16M106-*
15
6
9
G
CX16M156-*
22
6
9
G
CX16M226-*
STANDARD RATINGS
CAPACITANCE
MAX
MAX. DCL
CASE
PART NUMBER
(
µF)
DF (%)
@ + 25
°C (µA)
CODE
*Add suffix to indicate capacitance tolerance K = ± 10% or M = ± 20%
Subminiature, Leaded Solid Tantalum Capacitors


Html Pages

1  2  3 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn