Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM16W08 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # FM16W08
Description  64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM16W08 Datasheet(HTML) 1 Page - Cypress Semiconductor

  FM16W08 Datasheet HTML 1Page - Cypress Semiconductor FM16W08 Datasheet HTML 2Page - Cypress Semiconductor FM16W08 Datasheet HTML 3Page - Cypress Semiconductor FM16W08 Datasheet HTML 4Page - Cypress Semiconductor FM16W08 Datasheet HTML 5Page - Cypress Semiconductor FM16W08 Datasheet HTML 6Page - Cypress Semiconductor FM16W08 Datasheet HTML 7Page - Cypress Semiconductor FM16W08 Datasheet HTML 8Page - Cypress Semiconductor FM16W08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
FM16W08
64-Kbit (8 K × 8) Wide Voltage Bytewide
F-RAM Memory
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-86210 Rev. *F
Revised September 8, 2015
64-Kbit (8 K × 8) Wide Voltage Bytewide F-RAM Memory
Features
64-Kbit ferroelectric random access memory (F-RAM) logically
organized as 8 K × 8
High-endurance 100 trillion (1014) read/writes
151-year data retention (see the Data Retention and
Endurance table)
NoDelay™ writes
Advanced high-reliability ferroelectric process
SRAM and EEPROM compatible
Industry-standard 8 K × 8 SRAM and EEPROM pinout
70-ns access time, 130-ns cycle time
Superior to battery-backed SRAM modules
No battery concerns
Monolithic reliability
True surface mount solution, no rework steps
Superior for moisture, shock, and vibration
Resistant to negative voltage undershoots
Low power consumption
Active current 12 mA (max)
Standby current 20 A (typ)
Wide voltage operation: VDD = 2.7 V to 5.5 V
Industrial temperature: –40 C to +85 C
28-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Functional Overview
The FM16W08 is a 8 K × 8 nonvolatile memory that reads and
writes similar to a standard SRAM. A ferroelectric random
access memory or F-RAM is nonvolatile, which means that data
is retained after power is removed. It provides data retention for
over 151 years while eliminating the reliability concerns,
functional disadvantages, and system design complexities of
battery-backed SRAM (BBSRAM). Fast write timing and high
write endurance make the F-RAM superior to other types of
memory.
The FM16W08 operation is similar to that of other RAM devices
and therefore, it can be used as a drop-in replacement for a
standard SRAM in a system. Minimum read and write cycle times
are equal. The F-RAM memory is nonvolatile due to its unique
ferroelectric memory process. These features make the
FM16W08 ideal for nonvolatile memory applications requiring
frequent or rapid writes.
The device is available in a 28-pin SOIC surface mount package.
Device specifications are guaranteed over the industrial
temperature range –40 °C to +85 °C.
For a complete list of related documentation, click here.
Logic Block Diagram
CE
Control
Logic
WE
A
I/O Latch & Bus Driver
OE
DQ
8 K x 8
F-RAM Array
12-0
7-0
A12-0


Similar Part No. - FM16W08

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG RAMTRON-FM16W08-SG Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
More results

Similar Description - FM16W08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com