Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM16W08-SG Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # FM16W08-SG
Description  64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM16W08-SG Datasheet(HTML) 4 Page - Cypress Semiconductor

  FM16W08-SG Datasheet HTML 1Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 2Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 3Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 4Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 5Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 6Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 7Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 8Page - Cypress Semiconductor FM16W08-SG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
FM16W08
Document Number: 001-86210 Rev. *F
Page 4 of 18
Device Operation
The FM16W08 is a bytewide F-RAM memory logically organized
as 8,192 × 8 and accessed using an industry-standard parallel
interface. All data written to the part is immediately nonvolatile
with no delay. Functional operation of the F-RAM memory is the
same as SRAM type devices, except the FM16W08 requires a
falling edge of CE to start each memory cycle. See the
Functional Truth Table on page 13 for a complete description of
read and write modes.
Memory Architecture
Users access 8,192 memory locations, each with 8 data bits
through a parallel interface. The complete 13-bit address
specifies each of the 8,192 bytes uniquely. The F-RAM array is
organized as 1024 rows of 8-bytes each. This row segmentation
has no effect on operation, however the user can group data into
blocks by its endurance characteristics as explained in the
Endurance section.
The cycle time is the same for read and write memory
operations. This simplifies memory controller logic and timing
circuits. Likewise the access time is the same for read and write
memory operations. When CE is deasserted HIGH, a pre-charge
operation begins, and is required of every memory cycle. Thus
unlike SRAM, the access and cycle times are not equal. Writes
occur immediately at the end of the access with no delay. Unlike
an EEPROM, it is not necessary to poll the device for a ready
condition since writes occur at bus speed.
It is the user’s responsibility to ensure that VDD remains within
datasheet tolerances to prevent incorrect operation. Also proper
voltage level and timing relationships between VDD and CE must
be maintained during power-up and power-down events. See
“Power Cycle Timing” on page 12.
Memory Operation
The FM16W08 is designed to operate in a manner similar to
other bytewide memory products. For users familiar with
BBSRAM, the performance is comparable but the bytewide
interface operates in a slightly different manner as described
below. For users familiar with EEPROM, the differences result
from the higher write performance of F-RAM technology
including NoDelay writes and much higher write endurance.
Read Operation
A read operation begins on the falling edge of CE. At this time,
the address bits are latched and a memory cycle is initiated.
Once started, a full memory cycle must be completed internally
even if CE goes inactive. Data becomes available on the bus
after the access time is met.
After the address has been latched, the address value may be
changed upon satisfying the hold time parameter. Unlike an
SRAM, changing address values will have no effect on the
memory operation after the address is latched.
The FM16W08 will drive the data bus when OE is asserted LOW
and the memory access time is met. If OE is asserted after the
memory access time is met, the data bus will be driven with valid
data. If OE is asserted before completing the memory access,
the data bus will not be driven until valid data is available. This
feature minimizes supply current in the system by eliminating
transients caused by invalid data being driven to the bus. When
OE is deasserted HIGH, the data bus will remain in a HI-Z state.
Write Operation
In the FM16W08, writes occur in the same interval as reads. The
FM16W08 supports both CE and WE controlled write cycles. In
both cases, the address is latched on the falling edge of CE.
In a CE-controlled write, the WE signal is asserted before
beginning the memory cycle. That is, WE is LOW when the
device is activated with the chip enable. In this case, the device
begins the memory cycle as a write. The FM16W08 will not drive
the data bus regardless of the state of OE.
In a WE-controlled write, the memory cycle begins on the falling
edge of CE. The WE signal falls after the falling edge of CE.
Therefore, the memory cycle begins as a read. The data bus will
be driven according to the state of OE until WE falls. The CE and
WE controlled write timing cases are shown in the page 11 and
page 12.
Write access to the array begins asynchronously after the
memory cycle is initiated. The write access terminates on the
rising edge of WE or CE, whichever comes first. A valid write
operation requires the user to meet the access time specification
before deasserting WE or CE. The data setup time indicates the
interval during which data cannot change before the end of the
write access.
Unlike other nonvolatile memory technologies, there is no write
delay with F-RAM. Because the read and write access times of
the underlying memory are the same, the user experiences no
delay through the bus. The entire memory operation occurs in a
single bus cycle. Therefore, any operation including read or write
can occur immediately following a write. Data polling, a
technique used with EEPROMs to determine if a write is
complete, is unnecessary.
Pre-charge Operation
The pre-charge operation is an internal condition in which the
memory state is prepared for a new access. All memory cycles
consist of a memory access and a pre-charge. Pre-charge is
user-initiated by driving the CE signal HIGH. It must remain
HIGH for at least the minimum pre-charge time, tPC.
The user determines the beginning of this operation since a
pre-charge will not begin until CE rises. However, the device has
a maximum CE LOW time specification that must be satisfied.
Endurance
Internally, a F-RAM operates with a read and restore
mechanism. Therefore, each read and write cycle involves a
change of state. The memory architecture is based on an array
of rows and columns. Each read or write access causes an
endurance cycle for an entire row. In the FM16W08, a row is 64
bits wide. Every 8-byte boundary marks the beginning of a new
row. Endurance can be optimized by ensuring frequently


Similar Part No. - FM16W08-SG

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM16W08-SG RAMTRON-FM16W08-SG Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
More results

Similar Description - FM16W08-SG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com