Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM21L16 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # FM21L16
Description  2-Mbit (128 K 횞 16) F-RAM Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM21L16 Datasheet(HTML) 3 Page - Cypress Semiconductor

  FM21L16 Datasheet HTML 1Page - Cypress Semiconductor FM21L16 Datasheet HTML 2Page - Cypress Semiconductor FM21L16 Datasheet HTML 3Page - Cypress Semiconductor FM21L16 Datasheet HTML 4Page - Cypress Semiconductor FM21L16 Datasheet HTML 5Page - Cypress Semiconductor FM21L16 Datasheet HTML 6Page - Cypress Semiconductor FM21L16 Datasheet HTML 7Page - Cypress Semiconductor FM21L16 Datasheet HTML 8Page - Cypress Semiconductor FM21L16 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
FM21L16
Document Number: 001-86191 Rev. *D
Page 3 of 22
Pinout
Figure 1. 44-pin TSOP II pinout
Pin Definitions
Pin Name
I/O Type
Description
A16–A0
Input
Address inputs
: The 17 address lines select one of 128K words in the F-RAM array. The lowest two
address lines A1–A0 may be used for page mode read and write operations.
DQ15–DQ0 Input/Output Data I/O Lines: 16-bit bidirectional data bus for accessing the F-RAM array.
WE
Input
Write Enable
: A write cycle begins when WE is asserted. The rising edge causes the FM21L16 to write
the data on the DQ bus to the F-RAM array. The falling edge of WE latches a new column address for
page mode write cycles.
CE
Input
Chip Enable
: The device is selected and a new memory access begins on the falling edge of CE. The
entire address is latched internally at this point. Subsequent changes to the A1–A0 address inputs allow
page mode operation.
OE
Input
Output Enable
: When OE is LOW, the FM21L16 drives the data bus when the valid read data is
available. Deasserting OE HIGH tristates the DQ pins.
UB
Input
Upper Byte Select
: Enables DQ15–DQ8 pins during reads and writes. These pins are HI-Z if UB is HIGH.
If the user does not perform byte writes and the device is not configured as a 256 K × 8, the UB and LB
pins may be tied to ground.
LB
Input
Lower Byte Select
: Enables DQ7–DQ0 pins during reads and writes. These pins are HI-Z if LB is HIGH.
If the user does not perform byte writes and the device is not configured as a 256 K × 8, the UB and LB
pins may be tied to ground.
ZZ
Input
Sleep
: When ZZ is LOW, the device enters a low-power sleep mode for the lowest supply current
condition. ZZ must be HIGH for a normal read/write operation. If unused, tie ZZ pin to VDD.
VSS
Ground
Ground for the device. Must be connected to the ground of the system.
VDD
Power supply Power supply input to the device.
NC
No connect No connect. This pin is not connected to the die.
VSS
DQ6
DQ5
DQ4
VDD
A9
DQ3
A10
DQ2
DQ1
DQ0
LB
A12
CE
A3
A2
A1
A0
A16
A15
A14
A13
A11
NC
A8
UB
OE
A7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44-pin TSOP II
Top View
(not to scale)
WE
DQ7
A4
VSS
VDD
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
(× 16)
ZZ
A6
A5


Similar Part No. - FM21L16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM21L16 RAMTRON-FM21L16 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
FM21L16-60-TG RAMTRON-FM21L16-60-TG Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
More results

Similar Description - FM21L16

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
CY7C1011CV33 CYPRESS-CY7C1011CV33_13 Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30_12 Datasheet
570Kb / 18P
   2-Mbit (128 K 횞 16) Static RAM
CY7C1011CV33-12AXIT CYPRESS-CY7C1011CV33-12AXIT Datasheet
510Kb / 16P
   2-Mbit (128 K 횞 16) Static RAM
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
CY15B102N CYPRESS-CY15B102N Datasheet
504Kb / 22P
   2-Mbit (128K 횞 16) Automotive F-RAM Memory
CY15B101N CYPRESS-CY15B101N Datasheet
471Kb / 19P
   1-Mbit (64K 횞 16) Automotive F-RAM Memory
CY62136ESL CYPRESS-CY62136ESL_13 Datasheet
514Kb / 16P
   2-Mbit (128 K x 16) Static RAM
CY7C1019DV-3310VXI CYPRESS-CY7C1019DV-3310VXI Datasheet
553Kb / 16P
   1-Mbit (128 K 횞 8) Static RAM
CY7C1019CV33 CYPRESS-CY7C1019CV33_12 Datasheet
463Kb / 13P
   1-Mbit (128 K 횞 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com