Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT245BL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # FT245BL
Description  FT245BL USB FIFO ( USB - Parallel ) I.C.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FT245BL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button FT245BL Datasheet HTML 4Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 5Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 6Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 7Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 8Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 9Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 10Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 11Page - List of Unclassifed Manufacturers FT245BL Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DS245BL Version 1.6
© Future Technology Devices Intl. Ltd. 2005
Page 8 of 24
FT245BL USB FIFO ( USB - Parallel ) I.C.
4.1 Signal Descriptions
Table 1 - FT245BL - PINOUT DESCRIPTION
FIFO DATA BUS GROUP (*** Note 1)
Pin#
Signal
Type
Description
25
DO
I/O
FIFO Data Bus Bit 0
24
D1
I/O
FIFO Data Bus Bit 1
23
D2
I/O
FIFO Data Bus Bit 2
22
D3
I/O
FIFO Data Bus Bit 3
21
D4
I/O
FIFO Data Bus Bit 4
20
D5
I/O
FIFO Data Bus Bit 5
19
D6
I/O
FIFO Data Bus Bit 6
18
D7
I/O
FIFO Data Bus Bit 7
FIFO CONTROL INTERFACE GROUP
Pin#
Signal
Type
Description
16
RD#
IN
Enables Current FIFO Data Byte on D0..D7 when low. Fetches the next FIFO
Data Byte (if available) from the Receive FIFO Buffer when RD# goes from low
to high. ***
Note 1
15
WR
IN
Writes the Data Byte on the D0..D7 into the Transmit FIFO Buffer when WR goes
from high to low. ***
Note 1
14
TXE#
OUT
When high, do not write data into the FIFO. When low, data can be written into
the FIFO by strobing WR high then low. ***
Note 2
12
RXF#
OUT
When high, do not read data from the FIFO. When low, there is data available in
the FIFO which can be read by strobing RD# low then high again ***
Note 2
USB INTERFACE GROUP
Pin#
Signal
Type
Description
7
USBDP
I/O
USB Data Signal Plus (Requires 1.5K pull-up to 3V3OUT or RSTOUT#)
8
USBDM
I/O
USB Data Signal Minus
EEPROM INTERFACE GROUP
Pin#
Signal
Type
Description
32
EECS
I/O
EEPROM – Chip Select. For 48MHz operation pull EECS to GND using a 10K
resistor. For 6MHz operation no resistor is required. ***
Note 3
1
EESK
OUT
Clock signal to EEPROM. Adding a 10K pull down resistor onto EESK will cause
the FT245BL to use USB Product ID 6005 (hex) instead of 6001 (hex). All of the
other USB device descriptors are unchanged. ***
Note 3
2
EEDATA
I/O
EEPROM – Data I/O Connect directly to Data-In of the EEPROM and to Data-
Out of the EEPROM via a 2.2K resistor. Also pull Data-Out of the EEPROM to
VCC via a 10K resistor for correct operation. ***
Note 3


Similar Part No. - FT245BL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
More results

Similar Description - FT245BL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT2232C FTDI-FT2232C Datasheet
907Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232D FTDI-FT2232D Datasheet
952Kb / 56P
   Dual USB UART/FIFO I.C.
FT2232L FTDI-FT2232L Datasheet
935Kb / 51P
   Dual USB UART / FIFO I.C.
FT2232C FTDI-FT2232C_04 Datasheet
1,022Kb / 54P
   Dual USB UART / FIFO I.C.
FT245R FTDI-FT245R Datasheet
728Kb / 25P
   USB FIFO I.C. Incorporating FTDIChip-ID??Security Dongle
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
   USB UART ( USB - Serial) I.C.
FT232BL FTDI-FT232BL Datasheet
540Kb / 25P
   USB UART ( USB - Serial) I.C.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com