Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB84VP24491HK-70PBS Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB84VP24491HK-70PBS
Description  128M (X16) FLASH MEMORY 32M (X16) Mobile FCRAMTM
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB84VP24491HK-70PBS Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB84VP24491HK-70PBS Datasheet HTML 5Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 6Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 7Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 8Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 9Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 10Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 11Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 12Page - Fujitsu Component Limited. MB84VP24491HK-70PBS Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
MB84VP24491HK-70
8
s ABSOLUTE MAXIMUM RATINGS
*1 Minimum DC voltage on input or I/O pins is –0.3 V. During voltage transitions, input or I/O pins may undershoot
VSS to –1.0 V for periods of up to 5 ns. Maximum DC voltage on input or I/O pins is VCCf + 0.3 V or VCCr + 0.3V.
During voltage transitions, input or I/O pins may overshoot to VCCf + 2.0 V or VCCr + 1.0 V for periods of up to 5 ns.
*2: Minimum DC input voltage on RESET pin is –0.5 V. During voltage transitions RESET pins may undershoot VSS
to –2.0 V for periods of up to 20 ns. Voltage difference between input and supply voltage (VIN – VCCf) does not
exceed +9.0 V. Maximum DC input voltage on RESET pins is +13.0 V which may overshoot to +14.0 V for periods
of up to 20 ns.
*3: Minimum DC input voltage on WP/ACC pin is –0.5 V. During voltage transitions, WP/ACC pin may undershoot
Vss to –2.0 V for periods of up to 20 ns. Maximum DC input voltage on WP/ACC pin is +10.5 V which may
overshoot to +12.0 V for periods of up to 20 ns, when VCCf is applied.
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
Note: Operating ranges define those limits between which the functionality of the device is guaranteed.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Rating
Unit
Min
Max
Storage Temperature
Tstg
–55
+125
°C
Ambient Temperature with Power Applied
TA
–30
+85
°C
Voltage with Respect to Ground All pins
except RESET, WP/ACC *1
VIN, VOUT
–0.3
VCCf +0.3
V
VCCr +0.3
V
VCCf/VCCr Supply *1
VCCf, VCCr
–0.3
+3.3
V
RESET *2
VIN
–0.5
+ 13.0
V
WP/ACC *3
VIN
–0.5
+10.5
V
Parameter
Symbol
Value
Unit
Min
Max
Ambient Temperature
TA
–30
+85
°C
VCCf/VCCr Supply Voltages
VCCf, VCCr
+2.7
+3.1
V


Similar Part No. - MB84VP24491HK-70PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
MB84VP23481FK-70PBS SPANSION-MB84VP23481FK-70PBS Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
More results

Similar Description - MB84VP24491HK-70PBS

ManufacturerPart #DatasheetDescription
logo
SPANSION
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Sharp Corporation
LH28F320BFHB-PBTL60 SHARP-LH28F320BFHB-PBTL60 Datasheet
916Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTLZ2 SHARP-LH28F320BFHE-PBTLZ2 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZM SHARP-LH28F320BFHG-PTTLZM Datasheet
913Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTL60 SHARP-LH28F320BFHE-PTTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PBTL60 SHARP-LH28F320BFHE-PBTL60 Datasheet
908Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHE-PTTLZ1 SHARP-LH28F320BFHE-PTTLZ1 Datasheet
897Kb / 36P
   32M (x16) Flash Memory
LH28F320BFHG-PBTLZN SHARP-LH28F320BFHG-PBTLZN Datasheet
914Kb / 37P
   32M (x16) Flash Memory
LH28F320BFE-PTTL60 SHARP-LH28F320BFE-PTTL60 Datasheet
907Kb / 37P
   32M (x16) Flash Memory
LH28F320BFHG-PTTLZK SHARP-LH28F320BFHG-PTTLZK Datasheet
900Kb / 36P
   32M (x16) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com