Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPL1117-28V Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HPL1117-28V
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HPL1117-28V Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HPL1117-28V Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL1117-28V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Rev. B.13 - Mar., 2004
HPL1117
3
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Symbol
Parameter
Rating
(Note)
Unit
VI
Input Voltage
HPL1117, HPL1117-50, HPL1117-33
HPL1117-25, HPL1117-18, HPL1117-28
15
9
V
TJ
Operating Junction Temperature Range
Control Section
Power Transistor
0 to 125
0 to 150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TL
Lead Temperature (Soldering, 10 second)
260
°C
Electrical Characteristics
HPL1117
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VREF
Reference Voltage
10mA
≤ I
OUT
≤1A, 1.4V≤(V
IN -VOUT)
≤10.75V,
T
J =0~125
°C
1.225
1.250
1.275
V
VOUT
Output Voltage
HPL1117-18 T
J
=0~125
°C,
0
≤ I
OUT
≤ 1A, 3.1V≤V
IN
≤9V,
1.764
1.800
1.836
HPL1117-25 T
J =0~125
°C,
0
≤ I
OUT
≤ 1A, 3.8V≤V
IN
≤9V,
2.450
2.500
2.550
HPL1117-28 T
J
=0~125
°C,
0
≤ I
OUT
≤1A, 4.25V≤V
IN
≤9V,
2.790
2.850
2.910
HPL1117-33 T
J =0~125
°C,
0
≤ I
OUT
≤ 1A, 4.6V≤V
IN
≤12V,
3.235
3.300
3.365
HPL1117-50 T
J =0~125
°C,
0
≤ I
OUT
≤ 1A, 6.45V≤V
IN
≤12V,
4.900
5.000
5.100
V
REGLINE Line Regulation
HPL1117
HPL1117-18
HPL1117-25
HPL1117-28
HPL1117-33
HPL1117-50
IOUT=10mA, 1.5V
≤(V
IN
-VOUT )
≤10.75V (Note1)
IOUT=0A, 3.5V
≤V
IN
≤9V (Note1)
I
OUT=0A, 4V
≤V
IN
≤9V (Note1)
I
OUT=0A, 4.25V
≤V
IN
≤9V (Note1)
IOUT=0A, 4.75V
≤V
IN
≤12V (Note1)
I
OUT=0A, 6.45V
≤V
IN
≤12V (Note1)
0.03
1
1
1
1
1
0.2
6
6
6
6
6
%mV
REGLOAD Load Regulation
HPL1117
HPL1117-18
HPL1117-25
HPL1117-28
HPL1117-33
HPL1117-50
(V
IN -VOUT)=3V, 0
≤ I
OUT
≤1A (Note1)
VIN=3.5V, 0
≤ I
OUT
≤1A (Note1)
VIN =4V, 0
≤ I
OUT
≤1A (Note1)
V
IN=4.25V, 0
≤ I
OUT
≤1A (Note1)
VIN=4.75V, 0
≤ I
OUT
≤1A (Note1)
VIN=6.45V, 0
≤ I
OUT
≤1A (Note1)
0.1
1
1
1
1
1
0.4
10
10
10
10
10
%mV
Unless otherwise noted , these specifications apply over CIN=10uF , COUT=10uF , and TJ=0 to 125°C. Typical
values refer to TJ=25°C.
Absolute Maximum Ratings
Note : The values here show the absolute maximum rating, and for normal usage please refer the test condition in Electrical
Characteristics Table.


Similar Part No. - HPL1117-28V

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HPL1117-28V

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com