Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPL1117-50V Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # HPL1117-50V
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HPL1117-50V Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  HPL1117-50V Datasheet HTML 1Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 2Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 3Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 4Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 5Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 6Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 7Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 8Page - List of Unclassifed Manufacturers HPL1117-50V Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Rev. B.13 - Mar., 2004
HPL1117
4
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Electrical Characteristics (Cont.)
HPL1117
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IOUT=100mA
(Note2)
1
1.1
VD
Dropout Voltage
IOUT=500mA
(Note2)
IOUT=1A
(Note2)
1.05
1.1
1.2
1.3
V
ILIMIT
Current Limit
(VIN -VOUT)=5V, TJ=25
°C
1000
mA
IADJ
Adjust Pin Current
HPL1117
(V
IN -VOUT)=3V, IOUT=10mA
60
120
µA
∆I
ADJ
Adjust Pin Current
Change HPL1117
10mA
≤ I
OUT
≤1A,
1.4V
≤(V
IN
-VOUT)
≤10.75V
0.2
5
µA
IO
Minimum Load
Current HPL1117
(VIN -VOUT)=10.75V
(Note3)
1.7
mA
PSRR
Ripple Rejection
fRIPPLE=120Hz, VRIPPLE=1VP-P,
(VIN -VOUT)=3V
60
75
dB
TR
Thermal Regulation T
J=25
°C, 30ms Pulse
0.01
0.02
%/W
TS
Temperature
Stability
0.5
%
LS
Long -Term Stability T
J
=125
°C,1000Hrs.
0.3
%
VN
RMS Output Noise
TJ=25
°C,10Hz≤F≤10kHz, (% of V
OUT)
0.003
%
θ
th
Thermal Resistance Junction to Case, at Tab
Junction to Ambient
15
50
°C/ W
OT
Over Temperature
Point
150
°C
IQ
Quiescent Current
HPL1117-18
HPL1117-25
HPL1117-28
HPL1117-33
HPL1117-50
VIN≤9V
VIN≤9V
VIN≤9V
VIN≤12V
VIN≤12V
5.5
5.5
5.5
5.5
5.5
10
10
10
10
10
mA
Note 1 : See thermal regulation specifications for changes in output voltage due to heating effects. Load line regulations are mea-
sured at a constant junction temperature by low duty cycle pulse testing.
Note 2 : Dropout voltage is specified over the full output current range of the device. Dropout voltage is defined as the minimum input/output
differential measured at the specified output current. Test points and limits are also shown on the Dropout Voltage curve.
Note 3 : Minimum load current is defined as the minimum output current required to maintain regulation.


Similar Part No. - HPL1117-50V

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
HPL11PT CHENMKO-HPL11PT Datasheet
159Kb / 2P
   HIGH EFFICIENCY SILICON RECTIFIER
More results

Similar Description - HPL1117-50V

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com