Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG1020EV Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG1020EV
Description  Ultra low VF MEGA Schottky barrier rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG1020EV Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG1020EV Datasheet HTML 1Page - NXP Semiconductors PMEG1020EV Datasheet HTML 2Page - NXP Semiconductors PMEG1020EV Datasheet HTML 3Page - NXP Semiconductors PMEG1020EV Datasheet HTML 4Page - NXP Semiconductors PMEG1020EV Datasheet HTML 5Page - NXP Semiconductors PMEG1020EV Datasheet HTML 6Page - NXP Semiconductors PMEG1020EV Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2003 Jul 15
4
Philips Semiconductors
Product specification
Ultra low VF MEGA Schottky barrier rectifier
PMEG1020EV
GRAPHICAL DATA
handbook, halfpage
500
0
100
200
300
400
104
103
102
10
1
MDB591
IF
(mA)
VF (mV)
(1)
(3)
(2)
Fig.2
Forward current as a function of forward
voltage; typical values.
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
10
0
2
468
105
104
103
102
10
1
MDB195
IR
(
µA)
VR (V)
(1)
(2)
(3)
Fig.3
Reverse current as a function of reverse
voltage; typical values.
(1) Tamb =85 °C.
(2) Tamb =25 °C.
(3) Tamb = −40 °C.
handbook, halfpage
010
120
20
40
60
80
100
24
6
8
MDB196
Cd
(pF)
VR (V)
Fig.4
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tamb =25 °C.


Similar Part No. - PMEG1020EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG1020EV NXP-PMEG1020EV Datasheet
112Kb / 7P
   Ultra low VF MEGA Schottky barrier rectifier
2003 Jul 15
logo
Nexperia B.V. All right...
PMEG1020EV NEXPERIA-PMEG1020EV Datasheet
284Kb / 8P
   Ultra low VF MEGA Schottky barrier rectifier
2003 Jul 15
logo
NXP Semiconductors
PMEG1020EV PHILIPS-PMEG1020EV_15 Datasheet
112Kb / 7P
   Ultra low VF MEGA Schottky barrier
2003 Jul 15
More results

Similar Description - PMEG1020EV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG1020EV NEXPERIA-PMEG1020EV Datasheet
284Kb / 8P
   Ultra low VF MEGA Schottky barrier rectifier
2003 Jul 15
logo
NXP Semiconductors
PMEG1020EV NXP-PMEG1020EV Datasheet
112Kb / 7P
   Ultra low VF MEGA Schottky barrier rectifier
2003 Jul 15
PMEG1020EV PHILIPS-PMEG1020EV_15 Datasheet
112Kb / 7P
   Ultra low VF MEGA Schottky barrier
2003 Jul 15
PMEG1020EA NXP-PMEG1020EA Datasheet
65Kb / 9P
   2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04-30 December 2008
logo
Nexperia B.V. All right...
PMEG1020EA NEXPERIA-PMEG1020EA Datasheet
180Kb / 10P
   2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04 - 30 December 2008
logo
NXP Semiconductors
PMEG1020EA PHILIPS-PMEG1020EA_15 Datasheet
65Kb / 9P
   2 A ultra low VF MEGA Schottky barrier rectifier
Rev. 04-30 December 2008
logo
Rectron Semiconductor
FM130EG RECTRON-FM130EG Datasheet
233Kb / 6P
   VERY LOW VF MEGA SCHOTTKY BARRIER RECTIFIER
logo
Nexperia B.V. All right...
PMEG3005AEA NEXPERIA-PMEG3005AEA Datasheet
188Kb / 8P
   Very low VF MEGA Schottky barrier rectifier
14 June 2019
PMEG4005AEA-Q NEXPERIA-PMEG4005AEA-Q Datasheet
189Kb / 8P
   Very low VF MEGA Schottky barrier rectifier
15 September 2021
logo
NXP Semiconductors
PMEG3020EPA NXP-PMEG3020EPA Datasheet
161Kb / 13P
   2 A low VF MEGA Schottky barrier rectifier
Rev. 01-15 December 2009
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com