Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3374 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SK3374
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3374 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SK3374 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3374 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3374
2002-08-09
3
Drain-source voltage VDS (V)
ID - VDS
Drain-source voltage VDS (V)
ID - VDS
Gate-source voltage VGS (V)
ID - VGS
Gate-source voltage VGS (V)
VDS - VGS
Drain current ID (A)
ïYfsï - ID
Drain current ID (A)
RDS (ON) - ID
0
1.0
0.2
0.6
0.4
0.8
2
0
10
4
6
8
Common source
Ta
= 25°C
pulse test
VGS = 4.5 V
5.0
5.5
10
6.0
4.75
5.25
8.0
5.75
Common source
Ta
= 25°C
pulse test
0
2.0
0.4
1.2
0.8
1.6
10
0
50
20
30
40
VGS = 4.5 V
10
6.25
5.5
5.25
6.0
8.0
5.75
5.0
Common source
VDS = 20 V
pulse test
0
2.0
0.4
1.2
0.8
1.6
2
0
10
4
6
8
Ta
= -55°C
25
100
0
20
4
12
8
16
4
0
20
8
12
16
0.5
Common source
Ta
= 25°C
pulse test
ID = 1 A
0.25
25
0.01
0.01
5
10
0.3
0.1
0.03
0.1
0.3
1
3
0.03
Common source
VDS = 20 V
pulse test
Ta
= -55°C
100
1
0.5
0.05
3
30
50
Common source
Ta
= 25°C
Pulse test
0.1
1
0.3
0.5
3
5
3
10
5
1
10


Similar Part No. - 2SK3374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3374 TOSHIBA-2SK3374 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374 Datasheet
188Kb / 6P
   Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3374 TOSHIBA-2SK3374_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications
2SK3374 TOSHIBA-2SK3374_10 Datasheet
188Kb / 6P
   Switching Regulator Applications
More results

Similar Description - 2SK3374

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com