Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APM9933KC-TU Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APM9933KC-TU
Description  Dual P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9933KC-TU Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APM9933KC-TU Datasheet HTML 1Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 2Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 3Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 4Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 5Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 6Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 7Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 8Page - Anpec Electronics Coropration APM9933KC-TU Datasheet HTML 9Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.2 - Feb., 2003
www.anpec.com.tw
4
APM9933
0123456
7
8
9
10
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
03
69
12
15
0
1
2
3
4
5
0
5
10
15
20
0
500
1000
1500
2000
2500
-50
-25
0
25
50
75
100 125
150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
Typical Characteristics (Cont.)
On-Resistance vs. Junction Temperature
-VGS=4.5V
-ID=3.4A
TJ - Junction Temperature (°C)
-VDS - Drain-to-Source Voltage (V)
Capacitance
Ciss
Coss
Crss
-VGS - Gate-to-Source Voltage (V)
-ID=3.4A
On-Resistance vs. Gate-to-Source Voltage
Gate Charge
QG - Gate Charge (nC)
-VDS=6V
-ID=3.5A
Frequency=1MHz


Similar Part No. - APM9933KC-TU

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9930 ANPEC-APM9930 Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930C ANPEC-APM9930C Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930CK ANPEC-APM9930CK Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930CKC-TR ANPEC-APM9930CKC-TR Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9930KC-TR ANPEC-APM9930KC-TR Datasheet
196Kb / 13P
   Dual Enhancement Mode MOSFET (N-and P-Channel)
More results

Similar Description - APM9933KC-TU

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com