Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX017 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # CMX017
Description  UHF FM/FSK Transmitter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMX017 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  CMX017 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 5Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 6Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 7Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 8Page - List of Unclassifed Manufacturers CMX017 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UHF FM/FSK Transmitter
5
CMX017 Advance Information
©1999 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480193.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies
3
External Components
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
CMX017D6
7
8
9
10
11
13
14
VCC3
GAIN
GND
GND
GND
IPAOUT
GND
GND
PAOUT
GND
GND
VCC4
ENLPA
GND
PAIN
GND
MODOUT
GND
VCC2
OSCOUT
VCC1
GND
TANK
GND
MODIN
GND
ENLMOD
GND
POWER CONTROL
BASE-BAND
ENABLE MODULATOR
ENABLE POWER AMPLIFIER
RF to PLL
From PLL
3V
CDEC
C6
C5
C10
C11
R1
C12
C1
C2
3V
L3
C7
L1
L4
L2
C8
C9
RESONATOR
CDEC
C4
D1
C3
100pF
10nF
1F
m
CDEC º
Tx SIGNAL
12
6
R2
R1R1
R4
R3
SMD POT
Figure 2: Example of CMX017 with External Components
C1
5.6pF
C12
100pF
C2
33pF
D1
Varactor
Varactor diode, type SMV1233-011
C3
4.3pF
~
Resonator
Co-Axial Resonator, type RG402, length = 11mm, shorted end
C4
TBD
L1
1.5nH
C5
100pF
L2
22nH
C6
100pF
L3
6.8nH
C7
100pF
L4
22nH
C8
100pF
R1
10k
C9
100pF
R2
10k
C10
100pF
R3
TBD
Value is application dependent
C11
100pF
R4
TBD
SMD potentiometer - value is application dependent
Note: Components are surface mount, type SMD0603, unless otherwise indicated.
Figure 3: Example of CMX017 with External Components for 915MHz Operation


Similar Part No. - CMX017

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
More results

Similar Description - CMX017

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
List of Unclassifed Man...
TH7107 ETC2-TH7107 Datasheet
392Kb / 14P
   FSK/FM/ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
T5754C ATMEL-T5754C_14 Datasheet
672Kb / 13P
   UHF ASK/FSK Transmitter
logo
List of Unclassifed Man...
CMX018 ETC-CMX018 Datasheet
343Kb / 13P
   UHF FM/FSK Receiver
logo
CML Microcircuits
CMX018 CMLMICRO-CMX018 Datasheet
870Kb / 15P
   UHF FM/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com