Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6744 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6744
Description  Intermediate Bus PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6744 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6744 Datasheet HTML 3Page - Intersil Corporation ISL6744 Datasheet HTML 4Page - Intersil Corporation ISL6744 Datasheet HTML 5Page - Intersil Corporation ISL6744 Datasheet HTML 6Page - Intersil Corporation ISL6744 Datasheet HTML 7Page - Intersil Corporation ISL6744 Datasheet HTML 8Page - Intersil Corporation ISL6744 Datasheet HTML 9Page - Intersil Corporation ISL6744 Datasheet HTML 10Page - Intersil Corporation ISL6744 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
FN9147.8
September 22, 2005
Pin Descriptions
VDD - VDD is the power connection for the IC. To optimize
noise immunity, bypass VDD to GND with a ceramic
capacitor as close to the VDD and GND pins as possible.
The total supply current, IDD, will be dependent on the load
applied to outputs OUTA and OUTB. Total IDD current is the
sum of the quiescent current and the average output current.
Knowing the operating frequency, Fsw, and the output
loading capacitance charge, Q, per output, the average
output current can be calculated from:
RTD - This is the oscillator timing capacitor discharge current
control pin. A resistor is connected between this pin and
GND. The current flowing through the resistor determines
the magnitude of the discharge current. The discharge
current is nominally 55x this current. The PWM deadtime is
determined by the timing capacitor discharge duration.
CT - The oscillator timing capacitor is connected between
this pin and GND.
CS - This is the input to the overcurrent protection comparator.
The overcurrent comparator threshold is set at 0.600V nominal.
The CS pin is shorted to GND at the end of each switching
cycle. Depending on the current sensing source impedance, a
series input resistor may be required due to the delay between
the internal clock and the external power switch.
Exceeding the overcurrent threshold will start a delayed
shutdown sequence. Once an overcurrent condition is
detected, the soft-start charge current source is disabled.
The soft-start capacitor begins discharging through a 15µA
current source, and if it discharges to less than 3.9V
(Sustained Overcurrent Threshold), a shutdown condition
occurs and the OUTA and OUTB outputs are forced low.
When the soft-start voltage reaches 0.27V (Reset
Threshold) a soft-start cycle begins.
If the overcurrent condition ceases, and then an additional
50µs period elapses before the shutdown threshold is
reached, no shutdown occurs. The SS charging current is
re-enabled and the soft-start voltage is allowed to recover.
GND - Reference and power ground for all functions on this
device. Due to high peak currents and high frequency
operation, a low impedance layout is necessary. Ground
planes and short traces are highly recommended.
OUTA and OUTB - Alternate half cycle output stages. Each
output is capable of 1A peak currents for driving power
MOSFETs or MOSFET drivers. Each output provides very
low impedance to overshoot and undershoot.
SS - Connect the soft-start timing capacitor between this pin
and GND to control the duration of soft-start. The value of the
capacitor determines the rate of increase of the duty cycle
during start-up, controls the overcurrent shutdown delay, and
the overcurrent and short circuit hiccup restart period.
Functional Description
Features
The ISL6744 PWM is an excellent choice for low cost bridge
topologies for applications requiring accurate frequency and
deadtime control. Among its many features are 1A FET
drivers, adjustable soft-start, overcurrent protection and
internal thermal protection, allowing a highly flexible design
with minimal external components.
Oscillator
The ISL6744 has an oscillator with a frequency range to
2MHz, programmable using a resistor RTD and capacitor CT.
The switching period may be considered to be the sum of
the timing capacitor charge and discharge durations. The
charge duration is determined by CT and the internal current
source (assumed to be 160µA in the formula). The discharge
duration is determined by RTD and CT.
where TC and TD are the approximate charge and discharge
times, respectively, TOSC is the oscillator free running
period, and FOSC is the oscillator frequency. One output
switching cycle requires two oscillator cycles. The actual
times will be slightly longer than calculated due to internal
propagation delays of approximately 5ns/transition. This
delay adds directly to the switching duration, and also
causes overshoot of the timing capacitor peak and valley
voltage thresholds, effectively increasing the peak-to-peak
voltage on the timing capacitor. Additionally, if very low
charge and discharge currents are used, there will be an
increased error due to the input impedance at the CT pin.
The above formulae help with the estimation of the
frequency. Practically, effects like stray capacitances that
affect the overall CT capacitance, variation in RTD voltage
and charge current over temperature, etc. exist, and are best
evaluated in-circuit. Equation 2 follows from the basic
capacitor current equation,
. In this case, with
variation in dV with RTD (Figure 5), and in charge current
(Figure 4), results from Equation 2 would differ from the
calculated frequency. The typical performance curves may
be used as a tool along with the above equations as a more
accurate tool to estimate the operating frequency more
accurately.
The maximum duty cycle, D, and deadtime, DT, can be
calculated from:
IOUT
2QFsw
=
(EQ. 1)
TC 1.25
4
×10
CT
s
(EQ. 2)
TD
1
CTDisch
eCurrentGain
arg
----------------------------------------------------------------------------- RTD
CT
s
(EQ. 3)
TOSC
TC TD
+
1
FOSC
----------------
==
s(EQ. 4)
iC
t
d
dV
×
=
DTC TOSC
=
(EQ. 5)
DT
1 D
() T
OSC
=
s(EQ. 6)
ISL6744


Similar Part No. - ISL6744

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6744 RENESAS-ISL6744 Datasheet
788Kb / 18P
   Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744 INTERSIL-ISL6744 Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
logo
Renesas Technology Corp
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
   Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744A INTERSIL-ISL6744A Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
More results

Similar Description - ISL6744

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6744A RENESAS-ISL6744A Datasheet
1Mb / 27P
   Intermediate Bus PWM Controller
ISL6744 RENESAS-ISL6744 Datasheet
788Kb / 18P
   Intermediate Bus PWM Controller
logo
Intersil Corporation
ISL6744A INTERSIL-ISL6744A Datasheet
344Kb / 18P
   Intermediate Bus PWM Controller
ISL6744AAUZ INTERSIL-ISL6744AAUZ Datasheet
345Kb / 18P
   Intermediate Bus PWM Controller
October 8, 2007
ISL6744AU INTERSIL-ISL6744AU Datasheet
323Kb / 18P
   Intermediate Bus PWM Controller
September 22, 2005
logo
Texas Instruments
UCC28230 TI-UCC28230_15 Datasheet
2Mb / 50P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230_0806 TI-UCC28230_0806 Datasheet
2Mb / 46P
[Old version datasheet]   Advanced PWM Controller for Bus Converters
UCC28230 TI-UCC28230 Datasheet
264Kb / 7P
[Old version datasheet]   Advanced PWM Controller For Bus Converters
logo
Altera Corporation
EC2630QI ALTERA-EC2630QI Datasheet
315Kb / 13P
   Intermediate Voltage Bus Converter
logo
IXYS Corporation
IXDP610 IXYS-IXDP610 Datasheet
181Kb / 8P
   Bus Compatible Digital PWM Controller, IXDP 610
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com