Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM12434CIV Datasheet(PDF) 62 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM12434CIV
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434CIV Datasheet(HTML) 62 Page - National Semiconductor (TI)

Back Button LM12434CIV Datasheet HTML 58Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 59Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 60Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 61Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 62Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 63Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 64Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 65Page - National Semiconductor (TI) LM12434CIV Datasheet HTML 66Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
70 Digital Interface (Continued)
73 TMS320 INTERFACE MODE
The TMS320 interface mode is designed to work directly
with the serial interface port of the TMS320C3x and
TMS320C5x families of digital signal processors This inter-
face uses five lines two data lines (DX DR) two frame
synchronization signal lines (FSX FSR) and a serial clock
line (SCLK) Note that the TMS320C3x5x serial interface
has two separate serial clock lines for transmit and receive
called CLKX and CLKR but the LM12434 and LM12 L 438
only uses one clock input for both receive and transmit
Typically CLKX is specified as an output and drives SCLK
as well as CLKR (defined as an input) The serial clock for
this interface mode is a free running clock with the data
stream synchronized by SCLK The start of each data trans-
fer (the beginning of a data packet) is synchronized by FSX
(Transmit Frame Sync) or FSR (Receive Frame Sync) This
interface can communicate with one device no device se-
lect signal is used The following discussion assumes that
the reader has a basic knowledge of the architecture and
operation of the TMS320C3x5x serial interface port
The TMS320 interface mode is selected when the
MODESEL1 and MODESEL2 pins have the logic state of
‘‘11’’
Figure 16 shows a typical connection diagram for the
LM12434 and LM12 L 438 in the TMS320 serial interface
mode The FSR FSX DX DR and SCLK lines are assigned
to interface pins P1 through P5
Data transfer in this mode is programmable by the proces-
sor for 8-
16-
24-
or 32-bit data packets for the
TMS320C3x and 8- or 16-bit data packets for TMS320C5x
The LM12434 and LM12 L 438 uses 16-bit and 32-bit data
packets For the TMS320C5x the 32-bit packet is composed
of two successive 16-bit packets with no gaps between
them The data bits in each packet are transferred MSB
first and are shifted in on the rising edge of SCLK and are
stable and captured at the falling edge of the SCLK As with
the ‘‘Standard’’ and ‘‘8051’’ interface modes the LM12434
and LM12 L 438 has three different communication cycles
write cycle read cycle and burst read cycle At the start of
each data transfer cycle a stream of 9 data bits (the ‘‘com-
mand packet’’) is written to the LM12434 and LM12 L 438
and informs it about the communication cycle The place-
ment of these 9 bits in the data packet is different in the
read and write cycles and is discussed for each case sepa-
rately The command packet carries the following informa-
tion
what type of data transfer (communication cycle) is start-
ed
which device register is to be accessed
The command packet has the following format
TLH11879 – 54
The first bit of the command packet is always the MSB of
the data packet to to be transferred
Figure 15 shows the timing diagrams for the three communi-
cation cycles
Figure 15a shows a write cycle Figure 15b
shows a read cycle and
Figure 15c shows a burst read
cycle Note that these timing diagrams depict general rela-
tionships between the SCLK edges the data bits and the
frame synchronization signals (FSX FSR) These diagrams
are not meant to show guaranteed timing performance
(See specification tables for parametric switching character-
istics)
Write cycle
A write cycle begins with an FSX pulse from
the processor The first data bit is received by the DAS on
the DX line during the next SCLK falling edge after the fall-
ing edge of FSX A 32-bit data packet is written to the DAS
The TMS320C3x does this with a 32-bit transfer using its
serial port 32-bit register With the TMS320C5x family two
successive 16-bit transfers are initiated without any gap in
between The first 9 bits (MSBs) of the data are the com-
mand packet with the RW bit and B bit equal to zero Fol-
lowing the command packet a 16-bit data stream starts on
the falling edge of the 10th SCLK cycle and continues
through the 25th cycle The last 7 bits in the 32-bit data
packet are ‘‘don’t care’’ and are ignored by the DAS The
data is written to the register addressed in the command
packet (A3 A2 A1 A0) There is no activity on the FSR and
DR lines during a write cycle The write cycle is completed
after the last data bit is transferred
Read cycle
A read cycle also begins with an FSX pulse
from the processor The read cycle uses 16-bit data trans-
fer Following the FSX pulse 16 bits of data are written to
the DAS on the DX line The first 9 bits (MSBs) of data are
the command packet with the RW bit equal to one and the
B bit equal to zero The last 7 bits (LSBs) are ‘‘don’t care’’
and are ignored by the DAS About 3 to 4 CLK (the DAS
main clock input not the SCLK) cycles after the RW bit is
received the DAS generates an FSR pulse to initiate the
data transfer Following the FSR pulse the DAS will send
16 bits of data to the processor on the DR line The first bit
(MSB) of the data appears on the DR line on the next SCLK
cycle following the FSR pulse The data is read from the
register addressed in the command packet The read cycle
is completed after the last data bit is transferred
62


Similar Part No. - LM12434CIV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM124 PHILIPS-LM124 Datasheet
136Kb / 7P
   Low power quad op amps
1995 Nov 27
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
logo
Silicon Supplies
LM124 SS-LM124 Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
Texas Instruments
LM124 TI-LM124 Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
More results

Similar Description - LM12434CIV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 NSC-LM12454_06 Datasheet
1Mb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com