Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931M-85 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM2931M-85
Description  100mA Low Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2931M-85 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM2931M-85 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2931M-85 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2931M-85 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2931M-85 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2931M-85 Datasheet HTML 5Page - List of Unclassifed Manufacturers LM2931M-85 Datasheet HTML 6Page - List of Unclassifed Manufacturers LM2931M-85 Datasheet HTML 7Page - List of Unclassifed Manufacturers LM2931M-85 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
100mA Low Dropout Voltage Regulator
LM2931
Pin Connection
Ordering Information
8SOIC (M)
Package
Tolerance
SOT-89
LM2931R-XX
TO-92
LM2931Z-XX
8-SOIC
LM2931M-XX
“XX” Voltage Selection Guide
Vout
XX Code
3.3V
33
5.0V
50
8.0V
80
8.5V
85
9.0V
90
10.0V
10
12.0V
12
15.0V
15
Adjustable
Left Blank
Description
The Bay Linear LM2931 are low power voltage regulators
designed for a wide range of applications.
They are an
excellent choice for use in Battery Powered applications. The
LM2931 feature low quiescent current (100
µA Typ.) and low
dropout of only 60mV at light loads and 300mV (typ.) at
100mA. The LM2931 has tight initial tolerance of 0.5% typ.,
extremely good load and line regulation of 0.05% typ. and very
low output temperature coefficient.
The Bay Linear LM2931
is available as a
fixed voltage
regulator and as an adjustable regulator in TO-92 and 8SOIC
packages. The Bay Linear LM2931 in an 8SOIC package has
an adjustable output voltage from 3V to 24V, programmed
with a pair of external resistor. The logic compatible shutdown
enables the regulator to be switched ON and OFF.
Features
Guaranteed 100mA Output
Fixed Versions 3.3V, 50.V, 8.0
Very Low Quiescent Current
Low Dropout Voltage
Extremely Tight Load and Line
Regulation
Very Low Temperature Coefficient
Current and Thermal Limiting
Reverse Battery Protection of –20V
Transient protection of 60V
Output programmable from 3V to 24V
Applications
Battery Powered Systems
Portable instrumentation
Notebooks Computers
Potable Consumer Equipment
Automotive electronics
SMPS Post-Regulator
Bay Linear
Bay Linear
Bay Linear
Bay Linear
Linear Excellence
1
2
4
3
5
6
7
8
Output
Input
GND
GND
GND
GND
Feedback
Shutdown
SOT-89
Front View
INPUT
GND
OUTPUT
BAY
LM2931
OUTPUT
GROUND
INPUT
13
2
TO-92
Bottom View
SOT-89
Front View
INPUT
GND
OUTPUT
BAY
LM2931
SOT-89
Front View
INPUT
GND
OUTPUT
BAY
LM2931
OUTPUT
GROUND
INPUT
13
2
TO-92
Bottom View
OUTPUT
GROUND
INPUT
13
2
TO-92
Bottom View


Similar Part No. - LM2931M-85

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931M-5.0 NSC-LM2931M-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
LM2931M-5.0 NSC-LM2931M-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931M-5.0 TI1-LM2931M-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
LM2931M-5.0 TI1-LM2931M-5.0 Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
LM2931M-5.0/NOPB TI1-LM2931M-5.0/NOPB Datasheet
4Mb / 29P
[Old version datasheet]   LM2931-N Series Low Dropout Regulators
More results

Similar Description - LM2931M-85

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950_08 Datasheet
929Kb / 17P
   100mA Low-Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com