Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OM1320N2M Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OM1320N2M
Description  1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OM1320N2M Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OM1320N2M Datasheet HTML 1Page - List of Unclassifed Manufacturers OM1320N2M Datasheet HTML 2Page - List of Unclassifed Manufacturers OM1320N2M Datasheet HTML 3Page - List of Unclassifed Manufacturers OM1320N2M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3.5 - 2
3.5
OM1320NTM, OM1320STM, OM1320NKM, OM1320SMM, OM1320NMM, OM1320N2M
ELECTRICAL CHARACTERISTICS
-55°C ≤ TA ≤ 125°C, IL = 8mA (unless otherwise specified)
OM1320NTM, OM1320STM, OM1320NKM, OM1320SMM, OM1320NMM
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Reference Voltage
VREF
VDIFF = 3.0V, TA = 25°C1.20
1.30
VDIFF = 3.3V
1.20
1.30
V
VDIFF = 40V
1.20
1.30
Line Regulation
RLINE
3.0V ≤ VDIFF ≤ 40V, Vout = Vref, TA = 25°C-9
9
mV
(Note 1)
3.3V ≤ VDIFF ≤ 40V, Vout = Vref
-23
23
Load Regulation
RLOAD
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C-15
15
(Note 1)
VDIFF = 3.3V, 10mA ≤ IL ≤ 1.5A
-15
15
mV
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C-15
15
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
-15
15
Thermal Regulation
VRTH
Vin = 14.6V, IL = 1.5A
-16
16
mV
Pd = 20 Watts, t = 20 ms, TA =25°C
Ripple Rejection
RN
f = 120 Hz, Vout = Vref
66
dB
(Note 2)
CAdj = 10 µF
Adjustment Pin Current
IAdj
VDIFF = 3.0V, TA = 25°C100
VDIFF = 3.3V
100
µA
VDIFF = 40V
100
Adjustment Pin
∆IAdj
VDIFF = 3.0V, 10mA ≤ IL ≤ 1.5A, TA = 25°C-5
5
Current Change
VDIFF = 3.3V, 10mA ≤ IL ≤ 1.5A
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 300mA, TA = 25°C
-5
5
VDIFF = 40V, 10mA ≤ IL ≤ 195mA
-5
5
µA
3.0V ≤ VDIFF ≤ 40V, TA = 25°C-5
5
3.3V ≤ VDIFF ≤ 40V
-5
5
Miminum Load Current
ILmin
VDIFF = 3.0V, VOUT = 1.4V (forced)
5.0
VDIFF = 3.3V, VOUT = 1.4V (forced)
5.0
mA
VDIFF = 40V, VOUT = 1.4V (forced)
5.0
Current Limit
ICL
VDIFF = 15V
1.5
3.5
(Note 2)
VDIFF = 40V, TA = 25°C0.18
1.5
A
Notes:
1. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2. If not tested, shall be guaranteed to the specified limits.
3. The
denotes the specifications which apply over the full operating temperature range.
PART NUMBER DESIGNATOR
Standard Military Drawing Number
Omnirel Part Number
Omnirel Package Designation
7703401M
OM1320SMM
SMD-3
7703401U
OM1320STM
TO-257 (Isolated)
7703401T
OM1320NTM
TO-257 (non-Isolated)
7703401Y
OM1320 NKM
TO-3
7703401N
OM1320NMM
SMD-1
77034012
OM1320N2M
LCC-20


Similar Part No. - OM1320N2M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1320N2M IRF-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
OM1320N2M ETC2-OM1320N2M Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
More results

Similar Description - OM1320N2M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM1321SMM IRF-OM1321SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING
logo
List of Unclassifed Man...
OM1326SMM ETC2-OM1326SMM Datasheet
43Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703407
logo
International Rectifier
OM1320SMM IRF-OM1320SMM Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1324SMM IRF-OM1324SMM Datasheet
41Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703405
logo
List of Unclassifed Man...
OM1321SMM ETC1-OM1321SMM Datasheet
40Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703402
logo
International Rectifier
7703401UA IRF-7703401UA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
logo
List of Unclassifed Man...
7703401TA ETC2-7703401TA Datasheet
42Kb / 4P
   1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703401
OM1322ST ETC-OM1322ST Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703403
OM1327SMM ETC-OM1327SMM Datasheet
53Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703408
OM1323 ETC1-OM1323 Datasheet
38Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR APPROVED TO DESC DRAWING 7703404
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com