Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC94A29FB Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC94A29FB
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A29FB Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC94A29FB Datasheet HTML 4Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 5Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 6Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 7Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 8Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 9Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 10Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 11Page - Toshiba Semiconductor TC94A29FB Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
TC94A29FAG/FB
2003-04-01
8
Pin
No.
Symbol
Pin Name
Function and Operation
Remarks
10
P1-0/SCK1
/RX1
/CTin
/DATA
(BRK10)
I/O port 1-0
/serial clock
input/output 1
/serial receive data 1
/counter clock input
/CD processor
function
11
P1-1/SDIO1
/TX1
/SFSY
(BRK11)
I/O port 1-1
/serial data
input/output 1
/serial transmit data 1
/CD processor
function
12
P1-2/SI1
/SBSY
(BRK12)
I/O port 1-2
/serial data input 1
/CD processor
function
13
P1-3/BUZR
(BRK13)
I/O port 1-3
/buzzer output
14
P7-0/SCK2
/RX2
(BRK14)
I/O port 7-0
/serial clock
input/output 2
/serial receive data 2
15
P7-1/SDIO2
/TX2
(BRK15)
I/O port 7-1
/serial data
input/output 2
/serial transmit data 2
16
P7-2/INTR
/SI2
(BRK16)
I/O port 7-2
/interrupt input
/serial data input 2
The P1-0 pin has multiplexed functions for
general-purpose counter input. The input
frequency is 0.1 MHz to 20 MHz. The counter
incorporates an input amplifier and operates
with capacitance-coupled small amplitudes. The
counter is a 20-bit counter and can store 20-bit
data directly in memory. The gate time can be
selected from among 1 ms, 4 ms, 16 ms and 64
ms (when the 75-kHz crystal oscillator is used).
In manual mode, the gate can be turned on and
off within the specified time using instructions.
The P1-0 to P1-2 and P7-0 to P7-2 pins have
multiplexed functions for serial interface (SIO)
circuit input/output pins.
The SIO is a serial interface supporting 2-line
and 3-line methods as well as UART. The
TC94A29FAG/FB has CMOS input/output pins
(SCK1/RX1, SDIO1/TX1, SI1) and N-channel
open-drain (supporting up to 5.5 V) input/output
pins (SCK2/RX2, SDIO2/TX2, SI2). One of the
two sets of pins can be selected as serial
interface. The serial interface circuit supports
various options, including the number of the
clock edge to be used, the serial clock
input/output, and the clock frequency. These
options facilitate controlling the LSI and
communications between the controllers. When
SIO interrupts are enabled, an interrupt is
generated as soon as execution of the SIO
completes, causing the program to jump to
address 4.
The P1-3 pin has multiplexed functions for a
buzzer output pin. One of four frequencies
within the range from 0.75 kHz, 1 kHz, 1.5 kHz
and 3 kHz can be selected for buzzer output
(when the 75-kHz clock is used). The buzzer is
driven at the selected frequency in one of four
modes: continuous, single-shot, 10-Hz
intermittent, and 10-Hz intermittent at 1-Hz
intervals.
The P7-2 pin has multiplexed functions for an
external interrupt input pin. When interrupts are
enabled and a pulse of 1.65
ms to 4.96 ms or
more (13.3
ms to 40 ms when the 75-kHz clock is
used) is applied to this pin, an interrupt is
generated and the program jumps to address 1.
The input logic and rising/falling edge can be
selected for interrupt inputs. This input can be
applied as the clock gate signal to the internal
8-bit timer/counter, which allows input pulse
width to be detected and measured.
(Note) Backup release is enabled or disabled
in port units.
(Note) Upon a system reset, the pins are set to
I/O port input.
(Note) When the 32.768-kHz crystal oscillator
or the CR oscillator is used, the
general-purpose counter is used as a
timer.
MVDD
Input
instruction
Release
enable
MVSS
RfIN
CTin
MVDD
MVSS
(When P1-0 is used for
general-purpose counter)
MVDD
MVDD
Input
instruction
Release
enable
MVSS
(When used for I/O port)


Similar Part No. - TC94A29FB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC94A23F TOSHIBA-TC94A23F Datasheet
219Kb / 20P
   Single-chip CD Processor with Built-in Controller
More results

Similar Description - TC94A29FB

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com