Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC3843B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AMC3843B
Description  CURRENT MODE PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AMC3843B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AMC3843B Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC3843B Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AMC DOC. #: AMC3842B_C (LF)
AMC3842B/43B
March
2004
CURRENT MODE PWM CONTROLLER
Copyright
© 2002, ADD Microtech Corp.
7
www.addmtek.com
Application Information (continued)
Fig. 5. Shutdown Techniques - there are two ways to shutdown the PWM controller: 1) raise the voltage at
ISENSE above 1V or, 2) pull the COMP below a voltage two diodes above ground.
Fig 6. Slop Compensation – To achieve duty cycles over 50% for some applications , the above
slope compensation technique is suggested by resistively summing a fraction of the
oscillator ramp with the current sense signal.
1K
COMP
VREF
Shutdown
330
ISENSE
Shutdown
500
To Current
Sense Resistor
VREF
RT
0.1
µF
RT/CT
CT
ISENSE
R2
R1
ISENSE
RSENSE
C


Similar Part No. - AMC3843B

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC3843B ADDTEK-AMC3843B Datasheet
216Kb / 11P
   CURRENT MODE PWM CONTROLLER
OCTOBER 2006
More results

Similar Description - AMC3843B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com