Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8610BRZ-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # AD8610BRZ-REEL
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8610BRZ-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8610BRZ-REEL Datasheet HTML 3Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 4Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 5Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 6Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 7Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 8Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 9Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 10Page - Analog Devices AD8610BRZ-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD8610/AD8620
–7–
–40
100
80
60
40
0
120
–20
20
160
140
FREQUENCY – Hz
60M
10k
100k
1M
10M
100
1k
VS =
13V
+PSRR
–PSRR
TPC 19. PSRR vs. Frequency at
±13 V
FREQUENCY – Hz
10
60M
10k
100k
1M
10M
100
1k
VS =
13V
140
0
100
80
60
40
20
120
TPC 22. CMRR vs. Frequency
TIME – 1s/DIV
VS =
13V
VIN p-p = 1.8 V
TPC 25. 0.1 Hz to 10 Hz Input Voltage
Noise
122
121
116
120
119
118
117
TEMPERATURE – C
40
25
85
125
TPC 21. PSRR vs. Temperature
VS =
13V
VIN = 300mV p-p
AV =
100
RL = 10k
CL = 0pF
TIME – 4 s/DIV
VIN
0V
0V
VOUT
CH2 = 5V/DIV
TPC 24. Negative Overvoltage
Recovery
GAIN = 10
VS =
13V
FREQUENCY – Hz
1k
100M
10k
100k
1M
10M
100
90
0
80
70
60
50
40
30
20
10
GAIN = 100
GAIN = 1
TPC 27. ZOUT vs. Frequency
–40
100
80
60
40
0
120
–20
20
160
140
FREQUENCY – Hz
60M
10k
100k
1M
10M
100
1k
VS =
5V
+PSRR
–PSRR
TPC 20. PSRR vs. Frequency at
±5 V
VS =
13V
VIN =
300mV p-p
AV =
100
RL = 10k
TIME – 4 s/DIV
VIN
0V
0V
VOUT
CH2 = 5V/DIV
TPC 23. Positive Overvoltage Recovery
FREQUENCY – Hz
1,000
100
1
10
11M
100
10k
10
1k
100k
VSY =
13V
TPC 26. Input Voltage Noise vs.
Frequency


Similar Part No. - AD8610BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610BRZ-REEL AD-AD8610BRZ-REEL Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8610BRZ-REEL7 AD-AD8610BRZ-REEL7 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

Similar Description - AD8610BRZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com