Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8844AEQ150 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8844AEQ150
Description  750mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8844AEQ150 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8844AEQ150 Datasheet HTML 6Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 7Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 8Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 9Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 10Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 11Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 12Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 13Page - Analog Microelectronics AME8844AEQ150 Datasheet HTML 14Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AME, Inc.
11
AME8844
750mA CMOS LDO
n External Resistor Divider Table (contd.)
Note: Small load(greater than 2 mA) is necessary as R1 or R2 is larger than 50 K Ohm. Otherwise, outputvoltage
probably cannot be pulled down to 0 V on disable mode.
R1
(K Ohm)
1
2
5
10
20
Vout
3.15
0.65
1.30
3.25
6.49
12.98
3.20
0.63
1.27
3.16
6.33
12.65
3.25
0.62
1.23
3.08
6.17
12.34
3.30
0.60
1.20
3.01
6.02
12.04
3.35
0.59
1.18
2.94
5.88
11.75
3.40
0.57
1.15
2.87
5.74
11.48
3.45
0.56
1.12
2.81
5.61
11.22
3.50
0.55
1.10
2.74
5.49
10.97
3.55
0.54
1.07
2.68
5.37
10.74
3.60
0.53
1.05
2.63
5.25
10.51
3.65
0.51
1.03
2.57
5.15
10.29
3.70
0.50
1.01
2.52
5.04
10.08
3.75
0.49
0.99
2.47
4.94
9.88
3.80
0.48
0.97
2.42
4.84
9.69
3.85
0.48
0.95
2.38
4.75
9.50
3.90
0.47
0.93
2.33
4.66
9.32
3.95
0.46
0.92
2.29
4.58
9.15
4.00
0.45
0.90
2.25
4.49
8.99
4.05
0.44
0.88
2.21
4.41
8.83
4.10
0.43
0.87
2.17
4.34
8.67
4.15
0.43
0.85
2.13
4.26
8.52
4.20
0.42
0.84
2.09
4.19
8.38
4.25
0.41
0.82
2.06
4.12
8.24
4.30
0.41
0.81
2.03
4.05
8.10
4.35
0.40
0.80
1.99
3.99
7.97
4.40
0.39
0.78
1.96
3.92
7.85
4.45
0.39
0.77
1.93
3.86
7.73
4.50
0.38
0.76
1.90
3.80
7.61
4.55
0.37
0.75
1.87
3.75
7.49
4.60
0.37
0.74
1.85
3.69
7.38
4.65
0.36
0.73
1.82
3.64
7.27
4.70
0.36
0.72
1.79
3.58
7.17
4.75
0.35
0.71
1.77
3.53
7.07
4.80
0.35
0.70
1.74
3.48
6.97
4.85
0.34
0.69
1.72
3.43
6.87
4.90
0.34
0.68
1.69
3.39
6.78
4.95
0.33
0.67
1.67
3.34
6.68
5.00
0.33
0.66
1.65
3.30
6.60
R2(kohm)=(1.242*R1(kohm))/(Vout-1.242)


Similar Part No. - AME8844AEQ150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8844AEQA150Z AME-AME8844AEQA150Z Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA180 AME-AME8844AEQA180 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA180Z AME-AME8844AEQA180Z Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA250Z AME-AME8844AEQA250Z Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8844AEQA330Z AME-AME8844AEQA330Z Datasheet
174Kb / 15P
   750mA CMOS LDO
More results

Similar Description - AME8844AEQ150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8843 AME-AME8843_08 Datasheet
97Kb / 11P
   750mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8843 AKM-AME8843 Datasheet
96Kb / 9P
   750mA CMOS LDO
logo
Analog Microelectronics
AME8844 AME-AME8844_07 Datasheet
174Kb / 15P
   750mA CMOS LDO
AME8808 AME-AME8808_08 Datasheet
230Kb / 13P
   750mA CMOS LDO
AME8844 AME-AME8844_09 Datasheet
145Kb / 16P
   750mA CMOS LDO
AME8808 AME-AME8808 Datasheet
85Kb / 11P
   750mA CMOS LDO
logo
SeCoS Halbleitertechnol...
S5U2167 SECOS-S5U2167 Datasheet
1Mb / 6P
   750mA CMOS Positive Voltage Regulator
S5J2187 SECOS-S5J2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
S5U2187 SECOS-S5U2187 Datasheet
1Mb / 7P
   750mA CMOS Positive Voltage Regulator
logo
GTM CORPORATION
G5U2167 GTM-G5U2167 Datasheet
763Kb / 6P
   750mA CMOS Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com