Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8826AEDV330 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8826AEDV330
Description  1.55A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826AEDV330 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8826AEDV330 Datasheet HTML 2Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 3Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 4Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 5Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 6Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 7Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 8Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 9Page - Analog Microelectronics AME8826AEDV330 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AME, Inc.
6
1.55A CMOS LDO
AME8826
Parameter
Symbol
Min
Typ Max Units
Input Voltage
VIN
Note 1
7
V
Output Voltage Accuracy
VO
-1.5
1.5
%
1.5V<=VO(NOM)<=2.0V
1000
2.0V<VO(NOM)<=2.8V
800
2.8V<VO(NOM)<3.8V
600
Output Current
IO
1550
mA
Current Limit
ILIM
1550 2000
mA
Quiescent Current
(For Fixed Output Voltage Options)
Ground Pin Current
IGND
45
µA
VO < 2.0V
0.15
%
VO >= 2.0V
0.02 0.1
%
Load Regulation
REGLOAD
0.2
1
%
Over Temerature Shutdown
OTS
150
oC
Over Temerature Hysterisis
OTH
30
oC
VO Temperature Coefficient
TC
30
ppm/oC
ADJ Input Bias Current
IADJ
1
µA
ADJ Reference Voltage
VREF
1.223 1.242 1.261
V
f=1kHz
50
f=10kHz
20
f=100kHz
15
f=1kHz
75
f=10kHz
55
f=100kHz
30
VEH
2.0
VIN
V
VEL
00.4
V
IEH
0.1
µA
IEL
0.5
µA
30
µA
0.5
2
µA
45
70
µA
30
Co=4.7µF30
µVrms
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0.01µF
µVrms
Output Voltage Noise
eN
f=10Hz to 100kHz
IO=10mA,CBYP=0µF
Co=4.7µF
Power Supply Rejection
IO=100mA
CO=4.7µF ceramic
Power Supply Rejection
IO=100mA
CO=4.7µF ceramic
CBYP=0.01µF
PSRR
PSRR
IO=1mA
Dropout Voltage
VDROPOUT
IQ
IO=0mA
IO=1mA to 1.5A
Line Regulation
REGLINE
IO=1mA
VIN=VO+1 to VO+2
IO=1mA to 1.5A
Test Condition
dB
dB
mV
VO>1.2V
VO>1.2V
See
chart
IO=1.55A
VO=VO(NOM) -2.0%
EN Input Threshold
VIN=2.7V to 7V
VIN=2.7V to 7V
VEN=VIN, VIN=2.7V to 7V
VEN=0V, VIN=2.7V to 7V
VIN=5.0V, VO=0V, VEN<VEL
EN Input Bias Current
Shutdown Supply Current
ISD
VIN=2.5V, VO=0V, VEN<VEL
!
Electrical Specifications
TA = 25OC unless otherwise noted
Note1:V
IN(min)=VOUT+VDROPOUT


Similar Part No. - AME8826AEDV330

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826AEDV330Z AME-AME8826AEDV330Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
More results

Similar Description - AME8826AEDV330

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826_08 Datasheet
200Kb / 17P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com