Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD150R12MV Datasheet(PDF) 6 Page - International Rectifier

Part # SD150R12MV
Description  STANDARD RECOVERY DIODES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

SD150R12MV Datasheet(HTML) 6 Page - International Rectifier

  SD150R12MV Datasheet HTML 1Page - International Rectifier SD150R12MV Datasheet HTML 2Page - International Rectifier SD150R12MV Datasheet HTML 3Page - International Rectifier SD150R12MV Datasheet HTML 4Page - International Rectifier SD150R12MV Datasheet HTML 5Page - International Rectifier SD150R12MV Datasheet HTML 6Page - International Rectifier SD150R12MV Datasheet HTML 7Page - International Rectifier SD150R12MV Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SD150N/R Series
6
www.irf.com
Bulletin I2077 rev. B 11/01
Fig. 3 - Forward Power Loss Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 1 - Current Ratings Characteristics
120
130
140
150
160
170
180
0
20
40
60
8 0
100 12 0 1 4 0 1 6 0
30
60
90
120
180
Averag e Forw ard C urren t (A)
Cond uc tio n Ang le
SD 150N/R Serie s
R
(D C ) = 0.23 K/W
thJ C
11 0
12 0
13 0
14 0
15 0
16 0
17 0
18 0
0
40
80
12 0
16 0
200
240
DC
30
60
90
120
180
Cond u ction P e rio d
Averag e Forw ard C urre n t (A)
SD 150N/R Se rie s
R
(D C ) = 0.23 K/W
thJ C
20
40
60
80
1 00 1 20 14 0 160 18 0
M a xim um A llow a ble Am bien t Te m p era ture ( C )
0.6
K/
W
0 .8
K/W
1 K
/W
1.4
K /W
1.8 K
/W
0
20
40
60
80
100
120
140
160
180
200
220
0
20
40
60
80
100 120 140 160
180
120
90
60
30
RM S Lim it
Co nd uc tio n A ng le
A ve ra g e Forw ard C urre n t (A )
SD 150N/R Se rie s
T = 180 C
J
20
40
60
80
100 120 140
160
180
M axim um A llo w ab le Am bien t Te m p era ture ( C )
1 .8 K /W
1 .4 K
/W
1 K
/W
0 .8
K/W
0. 6
K/W
0 .5
K/W
0.4
K/
W
0
50
100
150
200
250
300
0
50
100
150
200
250
DC
180
120
90
60
30
RM S Lim it
C ond uc tion P eriod
A vera g e Fo rw ard C urren t (A)
SD 150N/R Se ries
T = 180 C
J


Similar Part No. - SD150R12MV

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD150R IRF-SD150R Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
More results

Similar Description - SD150R12MV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com