Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8826AEHA150 Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8826AEHA150
Description  1.55A CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8826AEHA150 Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8826AEHA150 Datasheet HTML 3Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 4Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 5Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 6Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 7Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 8Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 9Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 10Page - Analog Microelectronics AME8826AEHA150 Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME, Inc.
7
AME8826
1.55A CMOS LDO
The AME8826 family of CMOS regulators contain a
PMOS pass transistor, voltage reference, error amplifier,
over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error am-
plifier compares the output voltage to a precision refer-
ence. Over-current and Thermal shutdown circuits be-
come active when the junction temperature exceeds
140oC, or the current exceeds 2.2A. During thermal shut-
down, the output voltage remains low. Normal operation
is restored when the junction temperature drops below
120oC.
!
Detailed Description
!
External Capacitors
The AME8826 is stable with an output capacitor to
ground of 4.7µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Con-
versely, Aluminum Electrolytic capacitors exhibit the high-
est ESR, resulting in the poorest AC response. Unfortu-
nately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1µF ceramic
capacitor with a 10µF Aluminum Electrolytic. The benefit
is low ESR, high capacitance, and low overall cost.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 0.1µF to have a beneficial effect.
A third capacitor can be connected between the BY-
PASS pin and GND. This capacitor can be a low cost
Polyester Film variety between the value of 0.001 ~
0.01µF. A larger capacitor improves the AC ripple rejec-
tion, but also makes the output come up slowly. This
"Soft" turn-on is desirable in some applications to limit
turn-on surges.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.
!
Enable
When pulled low, the PMOS pass transistor shuts off,
and all internal circuits are powered down. In this state,
the quiescent current is less than 1µA. This pin behaves
much like an electronic switch.
!
Adjustable Version
The adjustable version uses external feedback resis-
tors to generate an output voltage anywhere from 1.5V to
5.0V. Vadj is trimmed to 1.242V and VOUT is given by
the equation:
VOUT = Vadj ( 1 + R1 / R2 )
Feedback resistors R1 and R2 should be high enough
to keep quiescent current low, but increasing R1 + R2
will reduce stability. In general, R1 and R2 in the 10’s of
kΩ will produce adequate stability, given reasonable lay-
out precautions. To improve stability characteristics, keep
parasitics on the ADJ pin to a minimum, and lower R1
and R2 values.


Similar Part No. - AME8826AEHA150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826AEHA150Z AME-AME8826AEHA150Z Datasheet
200Kb / 17P
   1.55A CMOS LDO
More results

Similar Description - AME8826AEHA150

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8826 AME-AME8826_08 Datasheet
200Kb / 17P
   1.55A CMOS LDO
logo
GTM CORPORATION
G5U2189 GTM-G5U2189 Datasheet
518Kb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
SeCoS Halbleitertechnol...
SSC2119 SECOS-SSC2119 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
S5U2189 SECOS-S5U2189 Datasheet
1Mb / 7P
   1.55A CMOS Low Dropout Voltage Regulator
logo
GTM CORPORATION
GSC2119 GTM-GSC2119 Datasheet
515Kb / 7P
   1.55A CMOS LOW DROPOUT VOLTAGE REGULATOR
logo
Bookly Micro electronic
BM9230 BOOKLY-BM9230 Datasheet
277Kb / 8P
   CMOS LDO
BM9168 BOOKLY-BM9168 Datasheet
214Kb / 7P
   CMOS LDO
logo
Analog Microelectronics
AME8816 AME-AME8816 Datasheet
112Kb / 14P
   1.5A CMOS LDO
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Diodes Incorporated
AP7215 DIODES-AP7215 Datasheet
210Kb / 11P
   600mA CMOS LDO
AP7215 Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com