Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8353 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8353
Description  RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8353 Datasheet(HTML) 1 Page - Analog Devices

  AD8353_17 Datasheet HTML 1Page - Analog Devices AD8353_17 Datasheet HTML 2Page - Analog Devices AD8353_17 Datasheet HTML 3Page - Analog Devices AD8353_17 Datasheet HTML 4Page - Analog Devices AD8353_17 Datasheet HTML 5Page - Analog Devices AD8353_17 Datasheet HTML 6Page - Analog Devices AD8353_17 Datasheet HTML 7Page - Analog Devices AD8353_17 Datasheet HTML 8Page - Analog Devices AD8353_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 MHz to 2.7 GHz
RF Gain Block
Data Sheet
AD8353
Rev. F
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2002–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fixed gain of 20 dB
Operational frequency of 1 MHz to 2.7 GHz
Linear output power up to 9 dBm
Input/output internally matched to 50 Ω
Temperature and power supply stable
Noise figure: 5.3 dB
Power supply: 3 V or 5 V
APPLICATIONS
VCO buffers
General Tx/Rx amplification
Power amplifier predrivers
Low power antenna drivers
FUNCTIONAL BLOCK DIAGRAM
AD8353
BIAS AND VREF
RFIN
VPOS
RFOUT
COM2
COM1
Figure 1.
GENERAL DESCRIPTION
The AD8353 is a broadband, fixed-gain, linear amplifier that
operates at frequencies from 1 MHz up to 2.7 GHz. It is
intended for use in a wide variety of wireless devices, including
cellular, broadband, CATV, and LMDS/MMDS applications.
By taking advantage of Analog Devices, Inc., high performance,
complementary Si bipolar process, these gain blocks provide
excellent stability over process, temperature, and power supply.
This amplifier is single-ended and internally matched to 50 Ω
with a return loss of greater than 10 dB over the full operating
frequency range.
The AD8353 provides linear output power of 9 dBm with 20 dB
of gain at 900 MHz when biased at 3 V and an external RF
choke is connected between the power supply and the output
pin. The dc supply current is 42 mA. At 900 MHz, the output
third-order intercept (OIP3) is greater than 23 dBm and is
19 dBm at 2.7 GHz.
The noise figure is 5.3 dB at 900 MHz. The reverse isolation
(S12) is −36 dB at 900 MHz and −30 dB at 2.7 GHz.
The AD8353 can also operate with a 5 V power supply; in
which case, no external inductor is required. Under these
conditions, the AD8353 delivers 8 dBm with 20 dB of gain at
900 MHz. The dc supply current is 42 mA. At 900 MHz, the
OIP3 is greater than 22 dBm and is 19 dBm at 2.7 GHz. The noise
figure is 5.6 dB at 900 MHz. The reverse isolation (S12) is −35 dB.
The AD8353 is fabricated on Analog Devices proprietary, high
performance, 25 GHz, Si complementary, bipolar IC process.
The AD8353 is available in a chip scale package that uses an
exposed paddle for excellent thermal impedance and low
impedance electrical connection to ground. It operates over a
−40°C to +85°C temperature range, and an evaluation board is
also available.


Similar Part No. - AD8353_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
More results

Similar Description - AD8353_17

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354_17 Datasheet
364Kb / 16P
   RF Gain Block
HMC788A AD-HMC788A Datasheet
239Kb / 12P
   RF Gain Block
ADL5611 AD-ADL5611_15 Datasheet
402Kb / 16P
   RF/IF Gain Block
ADL5610 AD-ADL5610_15 Datasheet
438Kb / 16P
   RF/IF Gain Block
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
   RF/IF Gain Block
ADL5602 AD-ADL5602_13 Datasheet
322Kb / 16P
   RF/IF Gain Block
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37C75 TI1-TRF37C75 Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com