Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8354 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8354
Description  RF Gain Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8354 Datasheet(HTML) 4 Page - Analog Devices

  AD8354 Datasheet HTML 1Page - Analog Devices AD8354 Datasheet HTML 2Page - Analog Devices AD8354 Datasheet HTML 3Page - Analog Devices AD8354 Datasheet HTML 4Page - Analog Devices AD8354 Datasheet HTML 5Page - Analog Devices AD8354 Datasheet HTML 6Page - Analog Devices AD8354 Datasheet HTML 7Page - Analog Devices AD8354 Datasheet HTML 8Page - Analog Devices AD8354 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD8354
Data Sheet
Rev. F | Page 4 of 16
VS = 5 V, TA = 25°C, no external inductor between VOUT and VPOS, ZO = 50 Ω, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
1
2700
MHz
Gain
f = 900 MHz
19.5
dB
f = 1.9 GHz
18.7
dB
f = 2.7 GHz
17.3
dB
Delta Gain
f = 900 MHz, −40°C ≤ TA ≤ +85°C
−0.93
dB
f = 1.9 GHz, −40°C ≤ TA ≤ +85°C
−0.99
dB
f = 2.7 GHz, −40°C ≤ TA ≤ +85°C
−1.21
dB
Gain Supply Sensitivity
VPOS ± 10%, f = 900 MHz
0.32
dB/V
f = 1.9 GHz
0.21
dB/V
f = 2.7 GHz
0.08
dB/V
Reverse Isolation (S12)
f = 900 MHz
−33.5
dB
f = 1.9 GHz
−37.6
dB
f = 2.7 GHz
−32.9
dB
RF INPUT INTERFACE
Pin INPT
Input Return Loss
f = 900 MHz
24.4
dB
f = 1.9 GHz
23.9
dB
f = 2.7 GHz
13.5
dB
RF OUTPUT INTERFACE
Pin VOUT
Output Compression Point
f = 900 MHz
4.8
dBm
f = 1.9 GHz
4.6
dBm
f = 2.7 GHz
3.6
dBm
Delta Compression Point
f = 900 MHz, −40°C ≤ TA ≤ +85°C
0.37
dB
f = 1.9 GHz, −40°C ≤ TA ≤ +85°C
−0.14
dB
f = 2.7 GHz, −40°C ≤ TA ≤ +85°C
−0.05
dB
Output Return Loss
f = 900 MHz
23.7
dB
f = 1.9 GHz
22.5
dB
f = 2.7 GHz
17.6
dB
DISTORTION/NOISE
Output Third-Order Intercept
f = 900 MHz, ∆f = 50 MHz, PIN = −30 dBm
19.3
dBm
f = 1.9 GHz, ∆f = 50 MHz, PIN = −30 dBm
17.3
dBm
f = 2.7 GHz, ∆f = 50 MHz, PIN = −30 dBm
15.3
dBm
Output Second-Order Intercept
f = 900 MHz, ∆f = 1 MHz, PIN = −28 dBm
28.7
dBm
Noise Figure
f = 900 MHz
4.4
dB
f = 1.9 GHz
5
dB
f = 2.7 GHz
5.6
dB
POWER INTERFACE
Pin VPOS
Supply Voltage
4.5
5
5.5
V
Total Supply Current
TA = 27°C
17
25
34
mA
Supply Voltage Sensitivity
4
mA/V
Temperature Sensitivity
−40°C ≤ TA ≤ +85°C
28
µA/°C


Similar Part No. - AD8354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354 AD-AD8354 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8354-EVAL AD-AD8354-EVAL Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354-EVAL AD-AD8354-EVAL Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8354ACP-R2 AD-AD8354ACP-R2 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
More results

Similar Description - AD8354

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC788A AD-HMC788A Datasheet
239Kb / 12P
   RF Gain Block
AD8353 AD-AD8353_17 Datasheet
345Kb / 16P
   RF Gain Block
ADL5611 AD-ADL5611_15 Datasheet
402Kb / 16P
   RF/IF Gain Block
ADL5610 AD-ADL5610_15 Datasheet
438Kb / 16P
   RF/IF Gain Block
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5541 AD-ADL5541_1 Datasheet
268Kb / 13P
   RF/IF Gain Block
ADL5602 AD-ADL5602_13 Datasheet
322Kb / 16P
   RF/IF Gain Block
logo
Texas Instruments
TRF37A73 TI1-TRF37A73 Datasheet
976Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37B73 TI1-TRF37B73 Datasheet
984Kb / 20P
[Old version datasheet]   1-6000 MHz RF Gain Block
TRF37C75 TI1-TRF37C75 Datasheet
1Mb / 20P
[Old version datasheet]   40-4000 MHz RF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com