Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZM23601V5SILR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMZM23601V5SILR
Description  36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23601V5SILR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMZM23601V5SILR Datasheet HTML 4Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 5Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 6Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 7Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 8Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 9Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 10Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 11Page - Texas Instruments LMZM23601V5SILR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
LMZM23601
SNVSAQ4A – DECEMBER 2017 – REVISED APRIL 2018
www.ti.com
Product Folder Links: LMZM23601
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature range of -40°C to +125°C, unless otherwise stated.
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER STAGE CHARACTERISTICS
HS RDS-ON
High-side MOSFET on-resistance
220
LS RDS-ON
Low-side MOSFET on-resistance
200
tON-MIN
Minimum high-side on-time
IOUT = 500 mA
50
80
ns
tOFF-MIN
Minimum high-side off-time
IOUT = 500 mA, ADJ
62
100
ns
DMAX
Maximum switch duty cycle
5-V and 3.3-V fixed output options
93%
ADJ option
91%
While in frequency foldback
97%
L
Integrated inductor - inductance
10
µH
LDCR
Integrated inductor - DCR
390
ENABLE
VEN
Enable input threshold voltage
Rising
1.7
1.92
V
VEN_HYST
Enable input threshold hysteresis
0.42
0.52
V
VEN_WAKE
Enable input wake-up threshold
0.4
V
IEN
Enable pin input current
VIN = VEN = 12 V
2.7
µA
VCC REGULATOR
VCC
Internal VCC voltage
VIN = 12 V, VOUT < 3.3 V
3.05
V
VIN = 12 V, VOUT ≥ 3.3V
3.15
VCC_UVLO
Internal VCC voltage input UVLO
VIN rising
2.23
2.73
3.25
V
VCC_UVLO_HYST
Internal VCC voltage input UVLO
hysteresis
Hysteresis below VCC_UVLO
150
240
mV
SOFT START
tSS
Soft-start time
Time for VREF to ramp from 0% to 90%
1.8
3.5
5.5
ms
tEN_LV
Turnon delay with low VIN
VIN < 4.2 V
4
ms
tEN
Turnon delay
VIN = 12 V
0.7
ms
tW
Short circuit wait time (hiccup
time)
8.0
ms
THERMAL PROTECTION
TSD
Thermal shutdown
Rising threshold
155
°C
TSD_HYST
Thermal shutdown hysteresis
15
°C


Similar Part No. - LMZM23601V5SILR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
More results

Similar Description - LMZM23601V5SILR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZM23600 TI1-LMZM23600 Datasheet
1,006Kb / 36P
[Old version datasheet]   36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
logo
Analog Devices
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
TPS62150 TI-TPS62150_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS6215x 3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com