Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMW Datasheet(PDF) 2 Page - Wall Industries,Inc.

Part # DMW
Description  Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW Datasheet(HTML) 2 Page - Wall Industries,Inc.

  DMW Datasheet HTML 1Page - Wall Industries,Inc. DMW Datasheet HTML 2Page - Wall Industries,Inc. DMW Datasheet HTML 3Page - Wall Industries,Inc. DMW Datasheet HTML 4Page - Wall Industries,Inc. DMW Datasheet HTML 5Page - Wall Industries,Inc. DMW Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 2 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
MODEL SELECTION TABLE
Model Number
Input Voltage
Output
Voltage
Output Current
Input Current
Reflected
Ripple Current
Output
Power
Efficiency
(Typ)
Max Capacitive
Load
Min
Max
No Load
Max Load
DMW24S3.3-3000
24 VDC
(9 ~ 36 VDC)
3.3 VDC
300mA
3000mA
25mA (typ)
528mA
40mA (typ)
9.9W
78%
470
μF
DMW24S5-3000
5 VDC
300mA
3000mA
762mA
15W
82%
470μF
DMW24S5.1-3000
5.1 VDC
300mA
3000mA
735mA
15.3W
81%
470μF
DMW24S12-1250
12 VDC
125mA
1250mA
726mA
15W
85%
470μF
DMW24S15-1000
15 VDC
100mA
1000mA
771mA
15W
86%
470μF
DMW24D5-1500
±5 VDC
±150mA
±1500mA
735mA
15W
81%
220μF
DMW24D12-625
±12 VDC
±62.5mA
±625mA
726mA
15W
85%
220μF
DMW24D15-500
±15 VDC
±50mA
±500mA
787mA
15W
86%
220μF
DMW48S3.3-3000
48 VDC
(18 ~ 75 VDC)
3.3 VDC
300mA
3000mA
15mA (typ)
26mA
30mA (typ)
9.9W
78%
470
μF
DMW48S5-3000
5 VDC
300mA
3000mA
381mA
15W
82%
470μF
DMW48S5.1-3000
5.1 VDC
300mA
3000mA
368mA
15.3W
81%
470μF
DMW48S12-1250
12 VDC
125mA
1250mA
363mA
15W
85%
470μF
DMW48S15-1000
15 VDC
100mA
1000mA
386mA
15W
86%
470μF
DMW48D5-1500
±5 VDC
±150mA
±1500mA
368mA
15W
81%
220μF
DMW48D12-625
±12 VDC
±62.5mA
±625mA
363mA
15W
85%
220μF
DMW48D15-500
±15 VDC
±50mA
±500mA
393mA
15W
86%
220μF
NOTES
1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
2. The DMW series requires a minimum output load to maintain specified regulations. Operation under no-load condition will not damage these devices;
however they may not meet all listed specifications.
3. All DC/DC converters should be externally fused at the front end for protection.
4. Other input and output voltages may be available, please contact factory.
5. Only positive control logic remote On/Off is available. To order the converter with positive remote on/off add the suffix “RC” to the part number.
6. To order the converter with EN55022 Class A function, please add the suffix “A” to the part number.
7. To order the converter with a heatsink please add the suffix “HS” to the part number.
*Due to advances in technology, specifications subject to change without notice.
BLOCK DIAGRAMS
Single Output
Dual Output
INPUT VOLTAGE TRANSIENT RATING
+Vo
-Vo
Ref.Amp
Isolation
+Vin
LC
Filter
-Vin
PWM
Filter
+Vo
Com.
-Vo
Isolation
+Vin
LC
-Vin
PWM
Ref.Amp
130
125
120
115
110
105
100
80
75
70
65
60
55
50
45
40
10µs
100µs
1ms
10ms
100ms
24VDC Input Models
48VDC Input Models


Similar Part No. - DMW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DMW WALL-DMW Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
logo
Adam Technologies, Inc.
DMW-C-F-R ADAM-TECH-DMW-C-F-R Datasheet
58Kb / 1P
   CRIMP THEMINAL TIN PLATED
DMW-XX ADAM-TECH-DMW-XX Datasheet
78Kb / 1P
   WIRE TO WIRE SYSTEM
logo
Wall Industries,Inc.
DMW24D12-625 WALL-DMW24D12-625 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24D12-625 WALL-DMW24D12-625 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
More results

Similar Description - DMW

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
   Single and dual output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com