Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV4016EC-55 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616LV4016EC-55
Description  Very Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4016EC-55 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS616LV4016EC-55 Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV4016EC-55 Datasheet HTML 10Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Revision 1.1
Jan.
2004
6
R0201-BS616LV4016
BSI
BS616LV4016
NOTES:
1. WE is high in read Cycle.
2. Device is continuously selected when CE = VIL
.
3. Address valid prior to or coincident with CE transition low.
4. OE = VIL
.
5. The parameter is guaranteed but not 100% tested.
t OH
READ CYCLE3 (1,4)
t RC
t OE
D
OUT
LB,UB
CE
OE
ADDRESS
t CLZ
t ACS
t CHZ(1,5)
t OHZ
t OLZ
t AA
READ CYCLE2 (1,3,4)
t CLZ
t CHZ
D
OUT
LB,UB
CE
t BA
t ACS
t BE
t BDO
t BDO
t BA
t BE
(5)
(5)
(5)
(5)
SWITCHING WAVEFORMS (READ CYCLE)
READ CYCLE1 (1,2,4)
t RC
t OH
t AA
D
OUT
ADDRESS
t OH


Similar Part No. - BS616LV4016EC-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010AC BSI-BS616LV4010AC Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010AI BSI-BS616LV4010AI Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010BC BSI-BS616LV4010BC Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4010BI BSI-BS616LV4010BI Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616LV4016EC-55

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4015 BSI-BS616LV4015 Datasheet
228Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
BS616LV4018 ETC1-BS616LV4018 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4010 BSI-BS616LV4010 Datasheet
227Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017 Datasheet
265Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
List of Unclassifed Man...
STC62WV25616 ETC1-STC62WV25616 Datasheet
252Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
logo
Brilliance Semiconducto...
BS616LV4011 BSI-BS616LV4011 Datasheet
231Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_06 Datasheet
209Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS616LV4017 BSI-BS616LV4017_08 Datasheet
247Kb / 11P
   Very Low Power CMOS SRAM 256K X 16 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com