Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1214 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CM1214
Description  1 and 2 Channel PicoGuardTM AC Signal ESD Protector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM1214 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CM1214 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM1214 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
10 430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
03/25/05
CM1214
PRELIMINARY
Mechanical Details (cont’d)
DFN-03 Mechanical Specifications
The CM1214-01DE/DF is supplied in a 3-lead DFN
package. Dimensions are presented below.
For complete information, see the California Micro
Devices DFN Package Information document.
✝This package is compliant with JEDEC standard MO-229, variation
VCCC-3F with exception of the "D2" and "E2" dimensions as called
out in the table above and the "r1" dimension which is not specified
in the MO-229 standard.
Package Dimensions for 3-Lead DFN
PACKAGE DIMENSIONS
Package
DFN
JEDEC
No.
MO-229 (Var. VCCC-3F)
Leads
3
Dim.
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
A
0.800 0.900
1.00
0.031 0.035 0.039
A1
0.000 0.025 0.050 0.000 0.001 0.002
A2
0.650 0.700 0.750 0.026 0.028 0.030
A3
0.150 0.200 0.250 0.006 0.008 0.010
b
0.180 0.200 0.280 0.007 0.009 0.011
D
2.00 BSC
0.079 BSC
D2
1.220 1.320 1.420 0.048 0.051 0.056
E
2.00 BSC
0.079 BSC
E2
0.790 0.890 0.990 0.031 0.035 0.040
e
0.65
0.020
K
0.20
0.008
L
0.200 0.290 0.450 0.008 0.011 0.018
L1
TBDTBD
TBDTBD
TBDTBD
L2
0.125
0.005
R
0.075
0.003
r1
0.075
0.003
# per
tube
TBD
# per
tape and
reel
3000 pieces
Controlling dimension: millimeters
Mechanical Package Diagrams
BOTTOM VIEW
A
A1
0.10 C
0.08 C
SIDE VIEW
TOP VIEW
b
L
0.10
C A B
M
8X
HEAT SINK
D
Pin 1
Marking
1
2
3
A2
K
R
5
8
32
e
1
SLUG
R1
D2
L2
A3
L2
L1
0.17
0.30


Similar Part No. - CM1214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214-01SO ONSEMI-CM1214-01SO Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214-02MR ONSEMI-CM1214-02MR Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
More results

Similar Description - CM1214

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com