Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM1214-02MR Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM1214-02MR
Description  1 and 2 Channel PicoGuardTM AC Signal ESD Protector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM1214-02MR Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM1214-02MR Datasheet HTML 1Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 2Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 3Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 4Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 5Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 6Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 7Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 8Page - List of Unclassifed Manufacturers CM1214-02MR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
© 2005 California Micro Devices Corp. All rights reserved.
03/25/05
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214
Fax: 408.263.7846
www.calmicro.com
3
CM1214
PRELIMINARY
Specifications
Note 1: All parameters specified at TA = -40°C to +85°C unless otherwise noted.
Note 2: These parameters guaranteed by design and characterization.
Note 3: Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330Ω,.
Note 4: From CH pin with other CH pin grounded.
Note 5: No Connect pins are left open for all tests.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
DC Voltage between CH pins
7
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature Range
-65 to +150
°C
Package Power Rating
DFN-3 Package (CM1214-01DF/DE)
SOT23-3 Package (CM1214-01ST/SO)
MSOP8 Package (CM1214-02MS/MR)
TBD
225
400
mW
mW
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VST
Standoff Voltage
I=10
µA
±7V
VESD
ESD Voltage Protection
Peak discharge voltage between
CH pins
a) Contact discharge per
IEC 61000-4-2 standard
Notes 2, 3 and 4
±8kV
ILEAK
Channel Leakage Current
TA=25°C, 5.5V between CH pins
±0.1
±1.0
µA
RDYN
Dynamic Resistance
I = 1A, TA=25°C;
1.5
CIN
Channel Input Capacitance
Voltage between CH pins = 0V
Voltage between CH pins = 5V
Measured at 1 MHz between CH
pins; Note 2 applies
0.5
0.5
0.8
0.8
1.2
1.2
pF
pF


Similar Part No. - CM1214-02MR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1214-02MR ONSEMI-CM1214-02MR Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
More results

Similar Description - CM1214-02MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1214A CALMIRCO-CM1214A Datasheet
313Kb / 9P
   1 and 2 Channel PicoGuardTM AC Signal ESD Protector
logo
ON Semiconductor
CM1214A ONSEMI-CM1214A_16 Datasheet
362Kb / 9P
   1 and 2-Channel AC Signal ESD Protector
October, 2016 ??Rev. 6
CM1214 ONSEMI-CM1214 Datasheet
468Kb / 8P
   1 and 2-Channel AC Signal ESD Protector
January, 2014 ??Rev. 2
CM1214A ONSEMI-CM1214A Datasheet
437Kb / 14P
   1- and 2-Channel PicoGuard AC Signal ESD Protector
April 2010 ??Rev.2
FCDN614 ONSEMI-FCDN614 Datasheet
220Kb / 4P
   1-Channel ESD Protector
June, 2012 ??Rev. 4
CM1771 ONSEMI-CM1771 Datasheet
87Kb / 3P
   1-Channel ESD Protector
October, 2011 ??Rev. P6
FCDN608 ONSEMI-FCDN608 Datasheet
79Kb / 3P
   1-Channel ESD Protector
May, 2011 ??Rev. 3
HBL1008 ONSEMI-HBL1008 Datasheet
151Kb / 3P
   1-Channel ESD Protector
April, 2015 ??Rev. P2
HBL1010 ONSEMI-HBL1010 Datasheet
207Kb / 3P
   1-Channel ESD Protector
February, 2015 ??Rev. 0
CM1773-5006YL ONSEMI-CM1773-5006YL Datasheet
86Kb / 3P
   1-Channel ESD Protector
November, 2011 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com