Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA426 Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # DPA426
Description  Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA426 Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button DPA426 Datasheet HTML 6Page - Power Integrations, Inc. DPA426 Datasheet HTML 7Page - Power Integrations, Inc. DPA426 Datasheet HTML 8Page - Power Integrations, Inc. DPA426 Datasheet HTML 9Page - Power Integrations, Inc. DPA426 Datasheet HTML 10Page - Power Integrations, Inc. DPA426 Datasheet HTML 11Page - Power Integrations, Inc. DPA426 Datasheet HTML 12Page - Power Integrations, Inc. DPA426 Datasheet HTML 13Page - Power Integrations, Inc. DPA426 Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
DPA423-426
10
K
1/04
Figure 7. LINE-SENSE and EXTERNAL CURRENT LIMIT Pin Characteristics.
-250
-200
-150
-100
-50
50
100
150
200
250
0
0
PI-2778-080801
Output
MOSFET
Switching
(Enabled)
(Disabled)
(Enabled)
(Disabled)
ILIMIT (Default)
Current
Limit
VBG
-21.5 µA
-25.5 µA
VBG + VTP
IUV(U)
IREM(U)
IOV(U)
X Pin Voltage
Output
MOSFET
Switching
Maximum
Duty Cycle
L Pin Voltage
DCMAX (75%)
Note: These figures provide idealized functional characteristics with typical performance values. Please refer to the
parametric table and typical performance characteristics sections of the data sheet for measured data.
X Pin Current (µA)
L Pin Current (µA)
131 µA
135 µA
47 µA
shows several different ways of using this pin. See Figure 7 for
a description of the functions where the horizontal axis (left
hand side) represents the EXTERNAL CURRENT LIMIT pin
current. The meaning of the vertical axes varies with function.
For those that control the on/off states of the output such as
remote ON/OFF, the vertical axis represents the enable/disable
states of the output. For external current limit, the vertical axis
represents the magnitude of the I
LIMIT. Please see graphs in the
Typical Performance Characteristics section for the current
limit programming range and the selection of the appropriate
resistor value.


Similar Part No. - DPA426

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA426 POWERINT-DPA426 Datasheet
710Kb / 36P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA426 POWERINT-DPA426 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA426 POWERINT-DPA426 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA426 POWERINT-DPA426 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA426 POWERINT-DPA426 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
More results

Similar Description - DPA426

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
710Kb / 36P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com