Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPNGA Datasheet(PDF) 8 Page - Agere Systems

Part # BPNGA
Description  QUAD DIFFERENTIAL DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BPNGA Datasheet(HTML) 8 Page - Agere Systems

Back Button BPNGA Datasheet HTML 4Page - Agere Systems BPNGA Datasheet HTML 5Page - Agere Systems BPNGA Datasheet HTML 6Page - Agere Systems BPNGA Datasheet HTML 7Page - Agere Systems BPNGA Datasheet HTML 8Page - Agere Systems BPNGA Datasheet HTML 9Page - Agere Systems BPNGA Datasheet HTML 10Page - Agere Systems BPNGA Datasheet HTML 11Page - Agere Systems BPNGA Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Agere Systems Inc.
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
Quad Differential Drivers
Temperature Characteristics
12-3467F
Figure 7. VOL and VOH Extremes vs. Temperature
for 100
Ω Load
12-3468F
Figure 8. Differential Voltage (VOH – VOL) vs.
Temperature for 100
Ω Load
12-3469aF
Figure 9. Min and Max for tP1 and tP2 Propagation
Delays vs. Temperature
Handling Precautions
CAUTION
: This device is susceptible to damage
as a result of electrostatic discharge.
Take proper precautions during both
handling and testing. Follow guide-
lines such as JEDEC Publication No.
108-A (Dec. 1988).
When handling and mounting line driver products,
proper precautions should be taken to avoid exposure
to electrostatic discharge (ESD). The user should
adhere to the following basic rules for ESD control:
1.
Assume that all electronic components are sensi-
tive to ESD damage.
2.
Never touch a sensitive component unless properly
grounded.
3.
Never transport, store, or handle sensitive compo-
nents except in a static-safe environment.
–25
0
25
50
75
100
–2.5
TEMPERATURE (°C)
–2.0
0
125 150
–50
–0.5
–1.0
–1.5
VOH MAX
VOH MIN
VOL MAX
VOL MIN
–25
0
25
50
75
100
0
TEMPERATURE (°C)
0.4
1.2
125 150
–50
1.0
0.8
0.6
VOH – VOL TYP
VOH – VOL MIN
–25
0
25
50
75
100
0.5
TEMPERATURE (°C)
0.7
1.7
125 150
–50
2.1
2.3
1.5
1.3
1.1
0.9
1.9
0.3
RANGE FOR tP1 AND tP2
MAX
MIN


Similar Part No. - BPNGA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BPNGA16E AGERE-BPNGA16E Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BPNGA16E-TR AGERE-BPNGA16E-TR Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BPNGA16G AGERE-BPNGA16G Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BPNGA16G-TR AGERE-BPNGA16G-TR Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BPNGA16NB AGERE-BPNGA16NB Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
More results

Similar Description - BPNGA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com