Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA424R-TL Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # DPA424R-TL
Description  Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA424R-TL Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button DPA424R-TL Datasheet HTML 3Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 4Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 5Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 6Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 7Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 8Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 9Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 10Page - Power Integrations, Inc. DPA424R-TL Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
DPA423-426
7
K
1/04
will be initiated the next time CONTROL pin voltage reaches
5.8.V. If the power supply loses regulation before reaching the
UV lower threshold, the device will enter auto-restart. At the
end of each auto-restart cycle (S7), the UV comparator is
enabled. If the UV upper threshold is not exceeded the MOSFET
will be disabled during the next cycle (see Figure 5). The UV
feature can be disabled independent of OV feature.
Line Overvoltage Shutdown (OV)
The same resistor used for UV also sets an over voltage
threshold which, once exceeded, will force the DPA-Switch
output into the off-state within one switching cycle. The ratio of
OV and UV thresholds is preset at 2.7 as can be seen in
Figure 7. When the MOSFET is off, the input voltage surge
capability is increased to the voltage rating of the MOSFET
(220 V), due to the absence of the reflected voltage and leakage
spikes on the drain. A small amount of hysteresis is provided on
the OV threshold to prevent noise triggering. The OV feature
can be disabled independent of the UV feature as shown in
Figure 13.
Line Feed Forward with DC
MAX Reduction
The same resistor used for UV and OV also implements line
voltage feed forward that minimizes output line ripple and
reduces power supply output sensitivity to line transients. This
feed forward operation is illustrated in Figure 4 by the different
values of I
L. Note that for the same CONTROL pin current,
higher line voltage results in smaller operating duty cycle. As
an added feature, the maximum duty cycle DC
MAX is also
reduced from 75% (typical) at a voltage slightly higher than the
UV threshold to 33% (typical) at the OV threshold
(see Figures 4, 7). Limiting DC
MAX at higher line voltages helps
prevent transformer saturation due to large load transients in
forward converter applications. DC
MAX of 33% at the OV
threshold was chosen to ensure that the power capability of the
DPA-Switch is not restricted by this feature under normal
operation.
Remote ON/OFF
Remote ON/OFF control describes operation where the IC is
turned on or off for long periods as opposed to the cycle-by-
cycle on/off control which is described in the Synchronization
section below.
DPA-Switch can be turned on or off by controlling the current
into the LINE-SENSE pin or out from the EXTERNAL
CURRENT LIMIT pin (see Figure 7). This allows easy
implementation of remote ON/OFF control of DPA-Switch in
several different ways. A transistor or an optocoupler output
connected between the EXTERNAL CURRENT LIMIT pin
and the SOURCE pin implements this function with “active-
on” (Figures 17, 19 and 21) while a transistor or an optocoupler
output connected between the LINE-SENSE pin and the
CONTROL pin implements the function with “active-off”
(Figures 18, 20 and 22).
When a signal is received at the LINE-SENSE pin or the
EXTERNAL CURRENT LIMIT pin to disable the output
through any of the pin functions such as OV, UV and remote
ON/OFF, DPA-Switch always completes its current switching
cycle before the output is forced off. The internal oscillator is
stopped at the end of the current cycle and stays there as long as
the disable signal exists. When the signal at the above pins
changes state from disable to enable, the internal oscillator
starts the next switching cycle.
The remote ON/OFF feature can be used as a standby or power
switch to turn off the DPA-Switch and keep it in a very low
power consumption state for indefinitely long periods. If the
DPA-Switch is held in remote-off state for longer than 10
µs
Figure 6. Synchronization Timing Diagram.
PI-2762-070501
Oscillator
(SAW)
D
MAX
2 V
0 V
V
L
t
ON
f
SYNC ≥ 128 kHz;
t
OFF ≤ 7.7 µs;
120 ns ≤ tON ≤ 2250 ns for fOSC = 400 kHz
≤ 3080 ns for fOSC = 300 kHz
t
OFF
ON
OFF
SYNC
Time


Similar Part No. - DPA424R-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424RN-TL POWERINT-DPA424RN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
More results

Similar Description - DPA424R-TL

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
DPA424SN POWERINT-DPA424SN Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA424GN-TL POWERINT-DPA424GN-TL Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA423 POWERINT-DPA423_V01 Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
October 2022
DPA424G POWERINT-DPA424G Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA425R POWERINT-DPA425R Datasheet
2Mb / 34P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
DPA422 POWERINT-DPA422 Datasheet
710Kb / 36P
   Highly Integrated DC-DC Converter ICs for Power over Ethernet & Telecom Applications
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com