Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPNGA16G Datasheet(PDF) 7 Page - Agere Systems

Part # BPNGA16G
Description  QUAD DIFFERENTIAL DRIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

BPNGA16G Datasheet(HTML) 7 Page - Agere Systems

Back Button BPNGA16G Datasheet HTML 3Page - Agere Systems BPNGA16G Datasheet HTML 4Page - Agere Systems BPNGA16G Datasheet HTML 5Page - Agere Systems BPNGA16G Datasheet HTML 6Page - Agere Systems BPNGA16G Datasheet HTML 7Page - Agere Systems BPNGA16G Datasheet HTML 8Page - Agere Systems BPNGA16G Datasheet HTML 9Page - Agere Systems BPNGA16G Datasheet HTML 10Page - Agere Systems BPNGA16G Datasheet HTML 11Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Agere Systems Inc.
7
Data Sheet
January 1999
BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and
Quad Differential Drivers
Test Conditions
Parametric values specified under the Electrical Char-
acteristics and Timing Characteristics sections for the
data transmission driver devices are measured with the
following output load circuits.
BDG1A, BPNGA, BDGLA, BPPGA (Gates A & B)
12-2271F
BDP1A, BPNPA, BPPGA (Gates C & D)
12-2271.bC
Figure 4. Driver Test Circuit
12-2640.aF
Note: Surges can be applied simultaneously, but never in opposite
polarities.
Figure 5. Lightning-Surge Testing Configuration
(BPNGA, BPNPA, and BPPGA)
Output Characteristics
Figure 6 illustrates typical driver output characteristics.
Included are load lines for two typical termination con-
figurations.
12-2269F
A. Output Current vs. Output Voltage for Loads
Shown in C and D (BDG1A, BDP1A, BPNGA,
BPNPA, and BPPGA)
12-2818aC
B. Output Current vs. Output Voltage for Loads
Shown in C and D (BDGLA)
12-2270F
C. Y Load
12-2271F
D.
π Load
Figure 6. Driver Output Current vs. Voltage
Characteristics
DO(+)
DO(–)
200
200
100
DO
DO
100
DUT
+
110
110
+
+5 V
+60 V
SURGE
10
µs
DURATION
1 ms
REPITITION
+60 V
SURGE
10
µs
DURATION
1 ms
REPETITION
10
20
30
40
Y LOAD
π LOAD
OUTPUT VOLTAGE (V)
VOL
VOH
VCC – 2 V
VCC – 1 V
VCC
10
20
30
40
VOH
VOL
Y LOAD
π LOAD
OUTPUT VOLTAGE (V)
VCC – 3 V
VCC – 2 V
VCC – 1 V
VCC
DO
60
60
90
DO
DO(+)
DO(–)
200
200
100


Similar Part No. - BPNGA16G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
BPNGA16G AGERE-BPNGA16G Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
BPNGA16G-TR AGERE-BPNGA16G-TR Datasheet
326Kb / 16P
   Quad Differential Drivers BDG1A, BDP1A, BDGLA, BPNGA, BPNPA, and BPPGA
More results

Similar Description - BPNGA16G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS96F172C NSC-DS96F172C Datasheet
328Kb / 12P
   Quad Differential Drivers
logo
Texas Instruments
TB5D2H TI-TB5D2H Datasheet
354Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M_17 Datasheet
697Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
TB5D1M TI1-TB5D1M Datasheet
707Kb / 21P
[Old version datasheet]   QUAD DIFFERENTIAL PECL DRIVERS
logo
National Semiconductor ...
DS26F31M NSC-DS26F31M Datasheet
192Kb / 5P
   Quad High Speed Differential Line Drivers
logo
Motorola, Inc
AM26LS30 MOTOROLA-AM26LS30 Datasheet
167Kb / 14P
   DUAL DIFFERENTIAL/ QUAD SINGLE.ENDED LINE DRIVERS
logo
National Semiconductor ...
DS26F31MQML NSC-DS26F31MQML Datasheet
652Kb / 11P
   Quad High Speed Differential Line Drivers
logo
Intersil Corporation
HS-26CT31RH INTERSIL-HS-26CT31RH_12 Datasheet
317Kb / 4P
   Radiation Hardened Quad Differential Line Drivers
logo
Texas Instruments
DS96F172MQML TI1-DS96F172MQML_13 Datasheet
472Kb / 14P
[Old version datasheet]   EIA-485/EIA-422 Quad Differential Drivers
logo
Intersil Corporation
HS-26CLV31RH INTERSIL-HS-26CLV31RH_12 Datasheet
299Kb / 3P
   Radiation Hardened 3.3V Quad Differential Line Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com