Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISG510065 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ISG510065
Description  CATV OUT-OF-BAND TUNER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISG510065 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ISG510065 Datasheet HTML 1Page - List of Unclassifed Manufacturers ISG510065 Datasheet HTML 2Page - List of Unclassifed Manufacturers ISG510065 Datasheet HTML 3Page - List of Unclassifed Manufacturers ISG510065 Datasheet HTML 4Page - List of Unclassifed Manufacturers ISG510065 Datasheet HTML 5Page - List of Unclassifed Manufacturers ISG510065 Datasheet HTML 6Page - List of Unclassifed Manufacturers ISG510065 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISG510065 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ISG510065
REV. D
2
7/19/2004
VDD RF
GND RF
GND
MIX IN 2
MIX IN 1
GND
GND
GND
IF OUT 2
IF OUT 1
VDD VID
VDD LO
LO IN 2
LO IN 1
1
2
3
4
5
6
7
21
20
19
18
17
16
15
28
27
26
25
24
23
22
8
9
10
11
12
13
8
ISG510065
( MLP 28 )
PIN ASSIGNMENTS
16
1, 4, 5, 10,
19
12, 13, 14,
GND
Ground pins. Connect to the ground plane with shortest possible length to minimize inductance.
21, 25, 26
20
2
MIX IN2
No connection.
1
3
MIX IN1
No connection.
2
6
VDD RF
RF AMP Supply, +3.3 V.
6
7
GND RF
RF AMP Ground. See GND.
3
8
RF IN1
RF AMP Positive Input. 150 ohms input impedance .
4
9
RF IN2
RF AMP Negative Input. 150 ohms input impedance.
5
11
AGC
Automatic Gain Control, Min Gain @ AGC = 0 V, Max Gain @ AGC = 3.0 V.
7
15
LO IN1
LO Buffer Positive Input.
8
16
LO IN2
LO Buffer Negative Input.
9
17
VDD LO
LO Buffer Supply, +3.3 V.
10
18
VDD VID VIDEO AMP Input Stage Supply, +3.3 V.
12
19
IF OUT1 VIDEO AMP Negative Output. This pin and IFOUT2 form a 1K ohm ouput impedance. Open Drain
See Application Page 5
11
20
IF OUT2 VIDEO AMP Positive Output. See IFOUT1.
13
22
GND VID
VIDEO AMP Ground. See GND.
15
23
IF IN1
VIDEO AMP Negative Input.
14
24
IF IN2
VIDEO AMP Positive Input.
17
27
MIX OUT1
MIXER Positive Output. Open Drain .See Application Page 5
18
28
MIX OUT2
MIXER Negative Output. Open Drain. See Application Page 5 .
PIN FUNCTIONS
PIN NO. PIN NO. PIN NAME DESCRIPTION
VDD RF
GND RF
MIX IN 2
MIX IN 1
V AGC
GND VID
MIX OUT 1
IF OUT 1
VDD VID
GND
RF IN 1
RF IN 2
LO IN 1
LO IN 2
VDD LO
IF OUT 2
IF IN 1
IF IN 2
MIX OUT 2
MIX GND
1
2
3
4
5
6
7
9
10
8
20
19
18
17
16
15
14
12
11
13
ISG 510065
( TSSOP-20 )
TSSOP
MLP-28


Similar Part No. - ISG510065

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
   DTV IF AGC AMPLIFIER
More results

Similar Description - ISG510065

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3220GR NEC-UPC3220GR Datasheet
213Kb / 9P
   CATV OUT-OF-BAND TUNER
logo
SIRENZA MICRODEVICES
S510065 SIRENZA-S510065 Datasheet
170Kb / 7P
   CATV OUT-OF- BAND- TUNER
logo
RF Micro Devices
S510065-55Z RFMD-S510065-55Z Datasheet
572Kb / 10P
   CATV OUT-OF-BAND TUNER
S510075-33Z RFMD-S510075-33Z Datasheet
805Kb / 9P
   Out-of-Band Tuner
RFFC0085 RFMD-RFFC0085 Datasheet
1Mb / 9P
   OUT-OF-BAND TUNER
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com