Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-2850-TR1 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HSMS-2850-TR1
Description  Surface Mount Zero Bias Schottky Detector Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-2850-TR1 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HSMS-2850-TR1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-2850-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Surface Mount Zero Bias
Schottky Detector Diodes
Technical Data
HSMS-285x Series
SOT-23/ SOT-143 Package
Lead Code Identification
(top view)
Description
Agilent’s HSMS-285x family of
zero bias Schottky detector
diodes has been designed and
optimized for use in small signal
(Pin < -20 dBm) applications at
frequencies below 1.5 GHz. They
are ideal for RF/ID and RF Tag
applications where primary (DC
bias) power is not available.
Important Note:
For detector
applications with input power
levels greater than –20 dBm, use
the HSMS-282x series at frequen-
cies below 4.0 GHz, and the
HSMS-286x series at frequencies
above 4.0 GHz. The HSMS-285x
series IS NOT RECOMMENDED
for these higher power level
applications.
Available in various package
configurations, these detector
diodes provide low cost solutions
to a wide variety of design prob-
lems. Agilent’s manufacturing
techniques assure that when two
diodes are mounted into a single
package, they are taken from
adjacent sites on the wafer,
assuring the highest possible
degree of match.
SOT-323 Package Lead
Code Identification
(top view)
Features
• Surface Mount SOT-23/
SOT-143 Packages
• Miniature SOT-323 and
SOT-363 Packages
• High Detection Sensitivity:
up to 50 mV/
µW at 915 MHz
• Low Flicker Noise:
-162 dBV/Hz at 100 Hz
• Low FIT (Failure in Time)
Rate*
• Tape and Reel Options
Available
• Matched Diodes for
Consistent Performance
• Better Thermal
Conductivity for Higher
Power Dissipation
• Lead-free Option Available
* For more information see the Surface
Mount Schottky Reliability Data Sheet.
SOT-363 Package Lead
Code Identification
(top view)
UNCONNECTED
PAIR
#5
SERIES
#2
SINGLE
#0
12
3
12
34
12
3
SERIES
C
SINGLE
B
12
3
12
3
BRIDGE
QUAD
P
UNCONNECTED
TRIO
L
12
3
65
4
12
3
65
4
Pin Connections and
Package Marking
Notes:
1. Package marking provides orienta-
tion and identification.
2. See “Electrical Specifications” for
appropriate package marking.
1
2
3
6
5
4


Similar Part No. - HSMS-2850-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-2850 HP-HSMS-2850 Datasheet
153Kb / 6P
   Surface Mount Microwave Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2850 AVAGO-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
More results

Similar Description - HSMS-2850-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200 MA-COM-MA4E2200 Datasheet
104Kb / 7P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Tyco Electronics
MA4E2200 MACOM-MA4E2200 Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com