Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-285C-TR1 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HSMS-285C-TR1
Description  Surface Mount Zero Bias Schottky Detector Diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-285C-TR1 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HSMS-285C-TR1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS-285C-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
RS is perhaps the easiest to
measure accurately. The V-I curve
is measured for the diode under
forward bias, and the slope of the
curve is taken at some relatively
high value of current (such as
5 mA). This slope is converted
into a resistance Rd.
0.026
RS = Rd – ––––––
If
RV and CJ are very difficult to
measure. Consider the impedance
of CJ = 0.16 pF when measured at
1 MHz — it is approximately
1M
Ω. For a well designed zero
bias Schottky, RV is in the range of
5 to 25 K
Ω, and it shorts out the
junction capacitance. Moving up
to a higher frequency enables the
measurement of the capacitance,
but it then shorts out the video
resistance. The best measurement
technique is to mount the diode in
series in a 50
Ω microstrip test
circuit and measure its insertion
loss at low power levels (around
-20 dBm) using an HP8753C
network analyzer. The resulting
display will appear as shown in
Figure 7.
3
-40
FREQUENCY (MHz)
-10
-25
3000
-20
10
1000
100
-35
-30
-15
50
50
0.16 pF
50
50
Ω 9 KΩ
Figure 7. Measuring C
J
and R
V
.
At frequencies below 10 MHz, the
video resistance dominates the
loss and can easily be calculated
from it. At frequencies above
300 MHz, the junction capacitance
sets the loss, which plots out as a
straight line when frequency is
plotted on a log scale. Again,
calculation is straightforward.
LP and CP are best measured on
the HP8753C, with the diode
terminating a 50
Ω line on the
input port. The resulting tabula-
tion of S11 can be put into a
microwave linear analysis
program having the five element
equivalent circuit with RV, CJ and
RS fixed. The optimizer can then
adjust the values of LP and CP
until the calculated S11 matches
the measured values. Note that
extreme care must be taken to
de-embed the parasitics of the
50
Ω test fixture.
Detector Circuits
When DC bias is available,
Schottky diode detector circuits
can be used to create low cost RF
and microwave receivers with a
sensitivity of -55 dBm to
-57 dBm.[1] These circuits can take
a variety of forms, but in the most
simple case they appear as shown
in Figure 8. This is the basic
detector circuit used with the
HSMS-285x family of diodes.
In the design of such detector
circuits, the starting point is the
equivalent circuit of the diode, as
shown in Figure 6.
Of interest in the design of the
video portion of the circuit is the
diode’s video impedance — the
other four elements of the equiv-
alent circuit disappear at all
reasonable video frequencies. In
general, the lower the diode’s
video impedance, the better the
design.
VIDEO
OUT
RF
IN
Z-MATCH
NETWORK
VIDEO
OUT
Z-MATCH
NETWORK
RF
IN
The situation is somewhat more
complicated in the design of the
RF impedance matching network,
which includes the package
inductance and capacitance
(which can be tuned out), the
series resistance, the junction
capacitance and the video
resistance. Of these five elements
of the diode’s equivalent circuit,
the four parasitics are constants
and the video resistance is a
function of the current flowing
through the diode.
26,000
RV
≈ ––––––
IS + Ib
where
IS = diode saturation current
in
µA
Ib = bias current in
µA
Saturation current is a function of
the diode’s design,[2] and it is a
constant at a given temperature.
For the HSMS-285x series, it is
typically 3 to 5
µA at 25°C.
Saturation current sets the detec-
tion sensitivity, video resistance
and input RF impedance of the
zero bias Schottky detector diode.
[1] Agilent Application Note 923, Schottky Barrier Diode Video Detectors.
[2] Agilent Application Note 969, An Optimum Zero Bias Schottky Detector Diode.
Figure 8. Basic Detector Circuits.


Similar Part No. - HSMS-285C-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285C AVAGO-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
More results

Similar Description - HSMS-285C-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMS-285C BOARDCOM-HSMS-285C Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E220 MA-COM-MA4E220 Datasheet
705Kb / 8P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Broadcom Corporation.
HSMS-285L BOARDCOM-HSMS-285L Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2855 BOARDCOM-HSMS-2855 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
DEMO-HSMS285-0 BOARDCOM-DEMO-HSMS285-0 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-285P BOARDCOM-HSMS-285P Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
HSMS-2850 BOARDCOM-HSMS-2850 Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
M/A-COM Technology Solu...
MA4E2200 MA-COM-MA4E2200 Datasheet
104Kb / 7P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-285X AVAGO-HSMS-285X Datasheet
330Kb / 13P
   Surface Mount Zero Bias Schottky Detector Diodes
logo
Tyco Electronics
MA4E2200 MACOM-MA4E2200 Datasheet
141Kb / 6P
   Surface Mount Zero Bias Schottky Detector Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com