Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV6416-15K Datasheet(PDF) 9 Page - Integrated Circuit Solution Inc

Part # IC61LV6416-15K
Description  64K x 16 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV6416-15K Datasheet(HTML) 9 Page - Integrated Circuit Solution Inc

  IC61LV6416-15K Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV6416-15K Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IC61LV6416
Integrated Circuit Solution Inc.
9
AHSR026-0A
09/12/2001
1
2
3
4
5
6
7
8
9
10
11
12
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IC61LV6416-8B
6*8mm TF-BGA
8
IC61LV6416-8T
400mil TSOP-2
8
IC61LV6416-8K
400mil SOJ
10
IC61LV6416-10B
6*8mm TF-BGA
10
IC61LV6416-10T
400mil TSOP-2
10
IC61LV6416-10K
400mil SOJ
12
IC61LV6416-12B
6*8mm TF-BGA
12
IC61LV6416-12T
400mil TSOP-2
12
IC61LV6416-12K
400mil SOJ
15
IC61LV6416-15B
6*8mm TF-BGA
15
IC61LV6416-15T
400mil TSOP-2
15
IC61LV6416-15K
400mil SOJ
ORDERING INFORMATION
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IC61LV6416-8BI
6*8mm TF-BGA
8
IC61LV6416-8TI
400mil TSOP-2
8
IC61LV6416-8KI
400mil SOJ
10
IC61LV6416-10BI
6*8mm TF-BGA
10
IC61LV6416-10TI
400mil TSOP-2
10
IC61LV6416-10KI
400mil SOJ
12
IC61LV6416-12BI
6*8mm TF-BGA
12
IC61LV6416-12TI
400mil TSOP-2
12
IC61LV6416-12KI
400mil SOJ
15
IC61LV6416-15BI
6*8mm TF-BGA
15
IC61LV6416-15TI
400mil TSOP-2
15
IC61LV6416-15KI
400mil SOJ
Integrated Circuit Solution Inc.
HEADQUARTER:
NO.2, TECHNOLOGY RD. V, SCIENCE-BASED INDUSTRIAL PARK,
HSIN-CHU, TAIWAN, R.O.C.
TEL: 886-3-5780333
Fax: 886-3-5783000
BRANCH OFFICE:
7F, NO. 106, SEC. 1, HSIN-TAI 5TH ROAD,
HSICHIH TAIPEI COUNTY, TAIWAN, R.O.C.
TEL: 886-2-26962140
FAX: 886-2-26962252
http://www.icsi.com.tw


Similar Part No. - IC61LV6416-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
IC61LV6432 ICST-IC61LV6432 Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117PQ ICST-IC61LV6432-117PQ Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117PQI ICST-IC61LV6432-117PQI Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117TQ ICST-IC61LV6432-117TQ Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
IC61LV6432-117TQI ICST-IC61LV6432-117TQI Datasheet
210Kb / 21P
   64K x 32 Pipelined Sync. SRAM
More results

Similar Description - IC61LV6416-15K

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV256 ICSI-IC61LV256 Datasheet
122Kb / 9P
   32K x 8 Hight Speed SRAM with 3.3V
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
logo
Lyontek Inc.
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Integrated Device Techn...
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com