Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1806 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1806
Description  325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806 Datasheet(HTML) 4 Page - Linear Technology

  LT1806 Datasheet HTML 1Page - Linear Technology LT1806 Datasheet HTML 2Page - Linear Technology LT1806 Datasheet HTML 3Page - Linear Technology LT1806 Datasheet HTML 4Page - Linear Technology LT1806 Datasheet HTML 5Page - Linear Technology LT1806 Datasheet HTML 6Page - Linear Technology LT1806 Datasheet HTML 7Page - Linear Technology LT1806 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT1806
4
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
q
200
800
µV
VCM = V
q
200
800
µV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V
+
q
1.5
5
µV/°C
VCM = V
q
1.5
5
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
q
100
800
µV
IB
Input Bias Current
VCM = V+ – 0.1V
q
16
µA
VCM = V+ 0.2V
q
–16
–5
µA
∆IB
Input Bias Current Shift
VCM = V+ 0.2V to V+ – 0.1V
q
622
µA
IOS
Input Offset Current
VCM = V+ – 0.1V
q
0.02
0.9
µA
VCM = V+ 0.2V
q
0.05
2.1
µA
∆IOS
Input Offset Current Shift
VCM = V+ 0.2V to V+ – 0.1V
q
0.07
3
µA
AVOL
Large Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1kΩ
q
60
140
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω
q
716
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1kΩ
q
50
100
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = Vto V+
q
75
94
dB
VS = 3V, VCM = Vto V+
q
71
89
dB
Input Common Mode Range
q
V
V+
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
87
105
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
10
70
mV
ISINK = 5mA
q
50
160
mV
ISINK = 20mA,
q
170
400
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
300
100
mV
ISOURCE = 5mA
q
110
240
mV
ISOURCE = 20mA
q
310
650
mV
ISC
Short-Circuit Current
VS = 5V
q
±22
±45
mA
VS = 3V
q
±20
±40
mA
IS
Supply Current
q
11
16
mA
Disable Supply Current
VS = 5V, VSHDN = 0V
q
0.4
1.2
mA
VS = 3V, VSHDN = 0V
q
0.2
1
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
q
250
MHz
SR
Slew Rate
VS= 5V, AV = –1, RL= 1k, VO = 4VP-P
q
80
V/
µV
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the – 40°C < T
A < 85°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply unless otherwise noted. (Note 5)


Similar Part No. - LT1806

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806 LINER-LT1806 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806 Datasheet
321Kb / 28P
   Gain-Bandwidth Product: 325MHz
LT1806 LINER-LT1806 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
LT1806 LINER-LT1806 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
LT1806 LINER-LT1806 Datasheet
1Mb / 32P
   Octal, 12-Bit Sign, 1.5Msps/Ch Simultaneous Sampling ADC
More results

Similar Description - LT1806

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1806IS6 LINER-LT1806IS6 Datasheet
315Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1806 LINER-LT1806_1 Datasheet
334Kb / 28P
   325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion,Low Noise Precision Op Amps
LT1807IMS8 LINER-LT1807IMS8 Datasheet
343Kb / 28P
   325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1809 LINER-LT1809 Datasheet
138Kb / 8P
   180MHz, 350V/ms Rail-to-Rail Input and Output Low Distortion Op Amp
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
   Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Intersil Corporation
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
   Low Distortion Rail-to-Rail Output, Op Amp
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com