Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


74VCX2245 Datasheet(HTML) 4 Page - Fairchild Semiconductor

Part No. 74VCX2245
Description  Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26W Series Resistors in B Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX2245 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 page
background image
www.fairchildsemi.com
4
DC Electrical Characteristics (Continued)
Note 7: Outputs disabled or 3-STATE only.
Symbol
Parameter
Conditions
VCC
Min
Max
Units
(V)
VOH
HIGH Level Output Voltage
IOH 100 PA
2.7 - 3.6
VCC - 0.2
V
B Outputs
IOH 6 mA
2.7
2.2
IOH 8 mA
3.0
2.4
IOH 12 mA
3.0
2.2
IOH 100 PA
2.3 - 2.7
VCC - 0.2
IOH 4 mA
2.3
2.0
IOH 6 mA
2.3
1.8
IOH 8 mA
2.3
1.7
IOH 100 PA
1.65 - 2.3
VCC - 0.2
IOH 3 mA
1.65
1.25
IOH 100 PA
1.4 - 1.6
VCC - 0.2
IOH 1 mA
1.4
1.05
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
A Outputs
IOL 12 mA
2.7
0.4
IOL 18 mA
3.0
0.4
IOL 24 mA
3.0
0.55
IOL 100 PA
2.3 - 2.7
0.2
IOL 12 mA
2.3
0.4
IOL 18 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 6 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 2 mA
1.4
0.35
VOL
LOW Level Output Voltage
IOL 100 PA
2.7 - 3.6
0.2
V
B Outputs
IOL 6 mA
2.7
0.4
IOL 8 mA
3.0
0.55
IOL 12 mA
3.0
0.8
IOL 100 PA2.7- 2.7
0.2
IOL 6 mA
2.3
0.4
IOL 8 mA
2.3
0.6
IOL 100 PA
1.65 - 2.3
0.2
IOL 3 mA
1.65
0.3
IOL 100 PA
1.4 - 1.6
0.2
IOL 1 mA
1.4
0.35
II
Input Leakage Current
0
d VI d 3.6V
1.4 - 3.6
r5.0
PA
IOZ
3-STATE Output Leakage
0
d VO d 3.6V
1.4 - 3.6
r10
PA
VI VIH or VIL
IOFF
Power Off Leakage Current
0
d (VI, VO) d 3.6V
0
10
PA
ICC
Quiescent Supply Current
VI VCC or GND
1.4 - 3.6
20
PA
VCC d (VI, VO) d 3.6V (Note 7)
1.4 - 3.6
r20
'ICC
Increase in ICC per Input
VIH VCC 0.6V
2.7 - 3.6
750
PA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74ALVC162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXR162245Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162245Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74ALVC2245Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX2245Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCXR2245Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors on Both A and B Ports 1 2 3 4 5 MoreFairchild Semiconductor
74LCXZ2245Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74VCX162240Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LVT2245Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1 2 3 4 5 MoreFairchild Semiconductor
74LCX2244Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs 1 2 3 4 5 MoreFairchild Semiconductor

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn