Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS-200-20-4VXRGL Datasheet(PDF) 2 Page - ECS, Inc.

Part # CS-200-20-4VXRGL
Description  low profile (2.1 mm Max.) resistance weld type Thru Hole quartz crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CS-200-20-4VXRGL Datasheet(HTML) 2 Page - ECS, Inc.

  CS-200-20-4VXRGL Datasheet HTML 1Page - ECS, Inc. CS-200-20-4VXRGL Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
DEVELOPED FREQUENCIES
Abbreviation
Frequency (MHZ)
035
3.579545
036
3.6864
040
4.000
060
6.000
080
8.000
098.3
9.8304
100
10.000
110.5
11.0592
120
12.000
122.8
12.288
143
14.31818
147.4
14.7456
160
16.000
184
18.432
200
20.000
240
24.000
245.7
24.576
250
25.000
270
27.000
SOLDER PROFILE
Peak solder Temp +260°C Max 10 sec Max.
2 Cycles Max.
MSL 1, Lead Finish Sn/Cu Matte
HC-49USSX
QUARTZ CRYSTAL
Figure 1) Suggested Solder Profile


Similar Part No. - CS-200-20-4VXRGL

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
CS-200 PREMO-CS-200 Datasheet
180Kb / 1P
   SMD Current Transformer Up to 15A
More results

Similar Description - CS-200-20-4VXRGL

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
HC-49USX ECS-HC-49USX_17 Datasheet
534Kb / 2P
   low profile resistance weld type Thru Hole quartz crystal
HC-46X ECS-HC-46X_17 Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
logo
Fox Electronics
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC80U FOX-HC80U Datasheet
65Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49U FOX-HC49U Datasheet
61Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXLF036S FOX-FOXLF036S Datasheet
161Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
   Resistance Weld Thru-Hole Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com