Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2117M Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS2117M
Description  Ultra3 LVD/SE SCSI Terminator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2117M Datasheet(HTML) 9 Page - Dallas Semiconductor

  DS2117M Datasheet HTML 1Page - Dallas Semiconductor DS2117M Datasheet HTML 2Page - Dallas Semiconductor DS2117M Datasheet HTML 3Page - Dallas Semiconductor DS2117M Datasheet HTML 4Page - Dallas Semiconductor DS2117M Datasheet HTML 5Page - Dallas Semiconductor DS2117M Datasheet HTML 6Page - Dallas Semiconductor DS2117M Datasheet HTML 7Page - Dallas Semiconductor DS2117M Datasheet HTML 8Page - Dallas Semiconductor DS2117M Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
DS2117M
9 of 9
DS2117M 36-PIN SSOP PACKAGE
CSP option - mechanical drawing
Please check the following web location for latest information on our Chip Scale Package (a.k.a
"solder bump") "http://www.dalsemi.com/DocControl/Chips/index.html"
DIM
MIN
MAX
A
2.44
2.64
A1
0.12
-
b
0.29
0.43
c
0.23
0.32
D
15.20
15.54
E
10.11
10.52
E1
7.40
7.60
e
0.80 BSC
h
0.25
0.71
L
0.51
1.02
DIMENSIONS D AND E1 INCLUDE MOLD MISMATCH, BUT DO NOT
INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD
FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.254
MM PER SIDE.
SECTION A-A DIMENSIONS APPLY TO THE FLAT SECTION OF THE
LEAD BETWEEN 0.13 TO 0.25 MM FROM THE LEAD TIP.
THE CHAMFER ON THE BODY IS OPTIONAL. IF IT IS NOT PRESENT,
A VISUAL INDEX FEATURE MUST BE LOCATED WITHIN THE
CROSS-HATCHED AREA.
DIMENSIONS ARE IN MILLIMETERS


Similar Part No. - DS2117M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 112905
More results

Similar Description - DS2117M

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2119M MAXIM-DS2119M Datasheet
308Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
logo
Dallas Semiconductor
DS2119M DALLAS-DS2119M Datasheet
166Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2118MB MAXIM-DS2118MB Datasheet
420Kb / 10P
   Ultra3 LVD/SE SCSI Terminator
REV: 010406
DS2117M MAXIM-DS2117M Datasheet
416Kb / 9P
   Ultra3 LVD/SE SCSI Terminator
REV: 112905
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
   9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Maxim Integrated Produc...
DS2125 MAXIM-DS2125_V01 Datasheet
187Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 012306
DS2125 MAXIM-DS2125 Datasheet
232Kb / 7P
   Ultra3 LVD/SE SCSI 15-Line Terminator
REV: 052604
DS2127 MAXIM-DS2127_V01 Datasheet
161Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 2; 1/06
DS2127 MAXIM-DS2127 Datasheet
114Kb / 6P
   Ultra3 LVD/SE SCSI 14-Line Terminator
Rev 1; 3/04
DS2120 MAXIM-DS2120 Datasheet
490Kb / 10P
   Ultra3 LVD SCSI Terminator
REV: 010506
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com