Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA3686 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FA3686
Description  For Switching Power Supply Control
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FA3686 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FA3686 Datasheet HTML 1Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 2Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 3Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 4Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 5Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 6Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 7Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 8Page - List of Unclassifed Manufacturers FA3686 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
FA3686V
3
Error amplifier section (IN1–, FB1, IN2–, FB2, IN3–, FB3 pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Reference voltage (CH.1)
VREF1
*1
0.99
1.00
1.01
V
Reference voltage (CH.2)
VREF2
*2
0.98
1.00
1.02
V
Reference voltage (CH.3)
VREF3
*3
0.98
1.00
1.02
V
VREF
Line regulation
VREF_LINE
VCC=2.5 to 18V
±2
±5
mV
VREF
Variation with temperature
VREF_TC1
Ta=–30 to +85˚C
±0.5
%
Input bias current
IIN–
VINx–=0.0 to 2.5V *4
0.0
mA
Open loop gain
AVO
70
dB
Unity gain bandwidth
fT
1.5
MHz
Output current (sink)
ISIFB
VFBx=0.5V, VINx–=VREG *4
2.3
3.5
4.7
mA
Output current (source)
ISOFB
VFBx=VREG–0.5V, VINx–=0V *4
–360
–270
–180
µA
*1 The FB1 voltage is measured under the condition that IN1- pin and FB1 pin are shorted. The input offset voltage of the error amplifier is included.
*2 The FB2 voltage is measured under the condition that IN2- pin and FB2 pin are shorted. The input offset voltage of the error amplifier is included.
*3 The FB3 voltage is measured under the condition that IN3- pin and FB3 pin are shorted. The input offset voltage of the error amplifier is included.
*4 The “x” of INx- and FBx refers to 1 to 3.
Soft start section (CS1, CS2 pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Threshold voltage (CS1)
VCS1D0
Duty cycle=0%, VFB1=1.4V
0.82
V
VCS1D20
Duty cycle=20%, VFB1=1.4V
0.89
0.925
0.96
V
VCS1D80
Duty cycle=80%, VFB1=1.4V
1.25
1.285
1.32
V
Threshold voltage (CS2)
VCS2D0
Duty cycle=0%, VFB2=0.7V
1.33
V
VCS2D20
Duty cycle=20%, VFB2=0.7V
1.20
1.235
1.27
V
VCS2D80
Duty cycle=80%, VFB2=0.7V
0.84
0.875
0.91
V
Charge current of CS2 (source)
ICS1
VCS1=0.5V
–2.
–2.0
–1.5
µA
Charge current of CS2 (sink)
ICS2
VCS2=VREG–0.5V
1.5
2.0
2.4
µA
Pulse width modulation (PWM) section (FB1, FB2 pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Max. duty cycle of OUT1
DMAX1
fOSC=300kHz
87
%
RT=12k
Ω (fOSC 500kHz)
80
85
90
%
fOSC=1.5MHz
78
%
Max. duty cycle of OUT2
DMAX2
fOSC=300kHz
88
%
RT=12k (f OSC 500kHz)
80
85
90
%
fOSC=1.5MHz
73
%
Threshold voltage of FB1
VFB1D0
Duty cycle=0%
0.82
V
VFB1D20
Duty cycle=20%
0.925
V
VFB1D80
Duty cycle=80%
1.285
V
Threshold voltage of FB2
VFB2D0
Duty cycle=0%
1.33
V
VFB2D20
Duty cycle=20%
1.235
V
VFB2D80
Duty cycle=80%
0.875
V
Oscillator section (RT pin)
Item
Symbol
Test condition
Min.
Typ.
Max.
Unit
Oscillation frequency
fOSC
435
500
565
kHz
Line regulation
fOSC_LINE
VCC=2.5 to 18V
±1
±5
%
Variation with temperature
fOSC_TC1
Ta=–30 to +85˚C±3
%


Similar Part No. - FA3686

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3687V FUJI-FA3687V Datasheet
373Kb / 25P
   FUJI Power Supply Controllc
More results

Similar Description - FA3686

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3629AV FUJI-FA3629AV Datasheet
50Kb / 7P
   For Switching Power Supply Control
FA3635P FUJI-FA3635P Datasheet
37Kb / 5P
   For Switching Power Supply Control
FA3630V FUJI-FA3630V Datasheet
47Kb / 6P
   For Switching Power Supply Control
logo
List of Unclassifed Man...
FA7700V ETC-FA7700V Datasheet
182Kb / 13P
   For Switching Power Supply Control
logo
Fuji Electric
FA3621F FUJI-FA3621F Datasheet
67Kb / 8P
   For Switching Power Supply Control
FA3675F FUJI-FA3675F Datasheet
108Kb / 8P
   For Switching Power Supply Control
FA5304AP FUJI-FA5304AP Datasheet
280Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA531X FUJI-FA531X Datasheet
263Kb / 17P
   Bipolar IC For Switching Power Supply Control
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com