Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM809 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FM809
Description  3-Pin UC Supervisor Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM809 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FM809 Datasheet HTML 1Page - Fairchild Semiconductor FM809 Datasheet HTML 2Page - Fairchild Semiconductor FM809 Datasheet HTML 3Page - Fairchild Semiconductor FM809 Datasheet HTML 4Page - Fairchild Semiconductor FM809 Datasheet HTML 5Page - Fairchild Semiconductor FM809 Datasheet HTML 6Page - Fairchild Semiconductor FM809 Datasheet HTML 7Page - Fairchild Semiconductor FM809 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FM809/810 Rev. F
Absolute Maximum Ratings
Voltage on any terminal relative to GND
VCC
-0.3V to +6.0V
RESET, RESET
-0.3V to (VCC + 0.3V)
Input Current
20mA
Output Current: RESET, RESET
20mA
ESD Rating
Human Body Model
>2KV
Machine Model
>200KV
Rate of Rise of VCC
100V/µs
Continuous Power Dissipation (TA = +70°C)
SOT23-3 (derate 4mW/°C above +70°C)
320mW
Operating Temperature Range
-40°C to +105°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
These are stress ratings only, and functional operation is not implied for these levels or beyond. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
Electrical Characteristics SOT23 Package (TA = 25°C unless otherwise noted)
VCC = full range, as noted under conditions. See Note 1.
Note 1: Testing in production is 25°C only. VCC = 5V for FM8xxL/M/J, VCC = 3.3V for FM8xxT/S and VCC = 3V for FM8xxR. Limits over temperature are guaranteed by design.
Note 2: RESET output is for FM809. RESET output is for FM810.
Note 3: Typical values are at 25°C.
Note 4: Recommended minimum slew rate for the VCC rampup is 200mV/sec in the 0 to 2V range for the device to function properly.
Parameter
Symbol
Conditions
Min
Typ
(Note 3) Max Units
Operating Voltage
VCC
TA = 0°C to +70°C
1.0
5.5
V
TA = -40°C to 105°C
1.1
5.5
Supply Current
ICC
TA = -40°C to 105°C, VCC < 5.5V
FM809J/L/M
510
µA
TA = -40°C to 105°C, VCC < 3.6V
FM809R/S/T
26
Reset Threshold
VTH
FM8xxL
TA = -40°C to +105°C
4.40
4.63
4.86
V
FM8xxM
TA = -40°C to +105°C
4.18
4.38
4.52
FM8xxJ
TA = -40°C to +105°C
3.90
4.00
4.18
FM8xxT
TA = -40°C to +105°C
2.97
3.08
3.19
FM8xxS
TA = -40°C to +105°C
2.79
2.93
3.00
FM8xxR
TA = -40°C to +105°C
2.49
2.63
2.70
Reset Threshold Tempco
30
ppm/°C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH - 100mV)
10
15
µs
Reset Active Timout Period
TA = -40°C to +105°C
140
256
560
ms
FM809 Output Low (RESET)VOL
VCC = VTH(min), ISINK = 1.2mA,
FM809R/S/T
0.3
V
VCC = VTH(min), ISINK = 3.2mA,
FM809J/L/M
0.4
VCC = < 1.0V, ISINK = 50µA
0.3
FM809 Output High (RESET)VOH
VCC > VTH(max), ISOURCE = 500µA (R/S/T)
0.8VCC
V
VCC > VTH(max), ISOURCE = 800µA (J/M/L)
VCC - 1.5V
FM810 Output Low (RESET)
VOL
VCC = VTH(max), ISINK = 1.2mA,
FM810R/S/T
0.3
V
VCC = VTH(max), ISINK = 3.2mA,
FM810J/L/M
0.4
FM810 Output High (RESET)
VOH
1.8V < VCC < VTH(min), ISOURCE = 150µA
0.8VCC
V


Similar Part No. - FM809

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809JP3X FAIRCHILD-FM809JP3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809JS3X FAIRCHILD-FM809JS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809LP3X FAIRCHILD-FM809LP3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results

Similar Description - FM809

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com